Electronic Components Datasheet Search
  English  ▼

X  

UDZ2.4B Datasheet(PDF) 3 Page - Rohm

Part # UDZ2.4B
Description  Zener diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZ2.4B Datasheet(HTML) 3 Page - Rohm

  UDZ2.4B Datasheet HTML 1Page - Rohm UDZ2.4B Datasheet HTML 2Page - Rohm UDZ2.4B Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UDZ Series
Diodes
!
!
!
!Electrical characteristic curves
(Ta=25
°C)
Fig.1 Zener voltage characteristics
0
10n
100n
1
µ
10
µ
100
µ
1m
10m
100m
5
10152025303540
ZENER VOLTAGE : VZ
(V)
0
0
25
50
100
150
100
200
300
AMBIENT TEMPERATURE : Ta (˚C)
Fig.2 Derating curve
−0.08
−0.06
−0.04
−0.02
0.00
0.02
0.04
0.06
0.08
0.10
Iz=5mA
Iz=500
µA
210
20
30
ZENER VOLTAGE : Vz (V)
Fig.3 Zener voltage -
temp.coefficient characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com