Electronic Components Datasheet Search
  English  ▼

X  

BBCD30101 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # BBCD30101
Description  VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BBCD30101 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  BBCD30101 Datasheet HTML 1Page - Molex Electronics Ltd. BBCD30101 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930074
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 14-16 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
5/16" (M8)
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Material Info
Old Part Number
BB-325-56
Reference - Drawing Numbers
Sales Drawing
BBCD30101
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640030100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640070100
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - BBCD30101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BBCD30101 MOLEX4-BBCD30101 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
BBCD30101 MOLEX4-BBCD30101 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
More results

Similar Description - BBCD30101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191930159 MOLEX4-0191930159 Datasheet
86Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930275 MOLEX4-0191930275 Datasheet
148Kb / 3P
VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930057 MOLEX4-0191930057 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0191930078 MOLEX4-0191930078 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0191930082 MOLEX4-0191930082 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0191930062 MOLEX4-0191930062 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0191930091 MOLEX4-0191930091 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0191930089 MOLEX4-0191930089 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0191930072 MOLEX4-0191930072 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0191930080 MOLEX4-0191930080 Datasheet
70Kb / 2P
VersaKrimp??Ring Tongue Terminal for 14-16 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com