Electronic Components Datasheet Search
  English  ▼

X  

0250010607 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0250010607
Description  2.54mm (.100") Pitch Board-to-Board Ribbon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0250010607 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0250010607 Datasheet HTML 1Page - Molex Electronics Ltd. 0250010607 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0250010607
Status:
Active
Overview:
ribbon_cable_jumpers
Description:
2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 26 AWG, Stranded
Topcoat, 6 Circuits, Strip and Retain, 0.178m (7.00") Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
25001
Crimp Quality Equipment
Yes
Geographic Area
Asia
Overview
ribbon_cable_jumpers
Product Name
Ribbon
Physical
Cable Length
0.178m (7.00")
Circuits (Loaded)
6
Circuits (maximum)
6
Insulation
PVC
Packaging Type
Bag
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
26
Wire/Cable Type
(7x34) Stranded, Topcoat
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-25001-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
25001Series
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0250010607

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0250010607 MOLEX1-0250010607_17 Datasheet
33Kb / 1P
2.54mm Pitch Board-to-Board Ribbon Cable Jumper - 26 AWG, Stranded Topcoat, 6 circuits
More results

Similar Description - 0250010607

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0250010307 MOLEX4-0250010307 Datasheet
168Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon
0250021001 MOLEX4-0250021001 Datasheet
174Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0250020605 MOLEX4-0250020605 Datasheet
174Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0250010302 MOLEX4-0250010302 Datasheet
168Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon
0250021004 MOLEX4-0250021004 Datasheet
174Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon Cable
0250020704 MOLEX4-0250020704 Datasheet
174Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon
0250010906 MOLEX4-0250010906 Datasheet
168Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon
0260010505 MOLEX4-0260010505 Datasheet
175Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon
0250010305 MOLEX4-0250010305 Datasheet
168Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0250011006 MOLEX4-0250011006 Datasheet
168Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com