Electronic Components Datasheet Search
  English  ▼

X  

CD2115 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # CD2115
Description  InsulKrimp??Steel Star Ring Tongue Terminal for 18-22 AWG Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

CD2115 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  CD2115 Datasheet HTML 1Page - Molex Electronics Ltd. CD2115 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190750009
Status:
Active
Description:
InsulKrimp™ Steel Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19075
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
8 (M4)
Wire Insulation Diameter
3.68mm (.145")
Wire Size AWG
18, 20, 22
Wire Size mm²
0.25 - 1.30
Material Info
Old Part Number
SRA-S-229-08X
Reference - Drawing Numbers
Sales Drawing
CD2115
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19075Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010500
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050500
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - CD2115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CD2115 MOLEX4-CD2115 Datasheet
88Kb / 3P
InsulKrimp??Star Ring Tongue Terminal
More results

Similar Description - CD2115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190700009 MOLEX4-0190700009 Datasheet
182Kb / 3P
InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700021 MOLEX4-0190700021 Datasheet
182Kb / 3P
InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700023 MOLEX4-0190700023 Datasheet
182Kb / 3P
InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700038 MOLEX4-0190700038 Datasheet
182Kb / 3P
InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700007 MOLEX4-0190700007 Datasheet
181Kb / 2P
InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190750011 MOLEX4-0190750011 Datasheet
87Kb / 2P
InsulKrimp??Steel Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 10
0190700005 MOLEX4-0190700005 Datasheet
182Kb / 3P
InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700051 MOLEX4-0190700051 Datasheet
182Kb / 3P
InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190750007 MOLEX4-0190750007 Datasheet
87Kb / 2P
InsulKrimp??Steel Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
0190700044 MOLEX4-0190700044 Datasheet
182Kb / 3P
InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com