Electronic Components Datasheet Search
  English  ▼

X  

WM2969CT Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # WM2969CT
Description  VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

WM2969CT Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  WM2969CT Datasheet HTML 1Page - Molex Electronics Ltd. WM2969CT Datasheet HTML 2Page - Molex Electronics Ltd. WM2969CT Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930198
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 8 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Crimp Quality Equipment
Yes
Mil-Spec
N/A
MolexKits
Yes
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
6 (M3.5)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
8
Wire Size mm²
0.60 - 10.5
Material Info
Old Part Number
D-356-06
Reference - Drawing Numbers
Sales Drawing
SD-19193-012
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900001
Putt Pump Dieless
Head System
0192860065
Hand Crimp Tool
0640013900
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640074400


Similar Part No. - WM2969CT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM2961TR MOLEX4-WM2961TR Datasheet
69Kb / 2P
Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
WM2961TR-ND MOLEX4-WM2961TR-ND Datasheet
69Kb / 2P
Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
WM2962CT MOLEX4-WM2962CT Datasheet
64Kb / 2P
Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
WM2962CT-ND MOLEX4-WM2962CT-ND Datasheet
64Kb / 2P
Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
WM2962TR MOLEX4-WM2962TR Datasheet
64Kb / 2P
Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
More results

Similar Description - WM2969CT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191930202 MOLEX4-0191930202 Datasheet
90Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930184 MOLEX4-0191930184 Datasheet
94Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930159 MOLEX4-0191930159 Datasheet
86Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930187 MOLEX4-0191930187 Datasheet
95Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930195 MOLEX4-0191930195 Datasheet
98Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930171 MOLEX4-0191930171 Datasheet
87Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930179 MOLEX4-0191930179 Datasheet
95Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930200 MOLEX4-0191930200 Datasheet
90Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930186 MOLEX4-0191930186 Datasheet
94Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930204 MOLEX4-0191930204 Datasheet
90Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com