Electronic Components Datasheet Search
  English  ▼

X  

EMZ1 Datasheet(PDF) 1 Page - Rohm

Part # EMZ1
Description  General purpose transistor (dual transistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMZ1 Datasheet(HTML) 1 Page - Rohm

  EMZ1 Datasheet HTML 1Page - Rohm EMZ1 Datasheet HTML 2Page - Rohm EMZ1 Datasheet HTML 3Page - Rohm EMZ1 Datasheet HTML 4Page - Rohm EMZ1 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EMZ1 / UMZ1N / IMZ1A
Transistors
Rev.A
1/4
General purpose transistor
(dual transistors)
EMZ1 / UMZ1N / IMZ1A
Features
1) Both a 2SA1037AK chip and 2SC2412K chip in a
EMT or UMT or SMT package.
2) Mounting possible with EMT3 or UMT3 or SMT3
automatic mounting machines.
3) Transistor elements are independent, eliminating
interference.
4) Mounting cost and area can be cut in half.
Structure
NPN / PNP epitaxial planar silicon transistor
Equivalent circuit
EMZ1 / UMZ1N
IMZ1A
(3)
(2)
(1)
(4)
(6)
(5)
Tr2
Tr1
(3)
(2)
(1)
(4)
(6)
(5)
Tr2
Tr1
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Tr1
Tr2
Unit
VCBO
60
V
50
V
V
VCEO
VEBO
7
IC
mA
150
−60
−50
−6
−150
Tj
150
˚C
Tstg
−55 to +150
˚C
PC
EMZ1, UMZ1N
150 (TOTAL)
mW
IMZ1A
300 (TOTAL)
∗1
∗2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Power
dissipation
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
External dimensions (Unit : mm)
ROHM : EMT6
EMZ1
ROHM : UMT6
EIAJ : SC-88
UMZ1N
Abbreviated symbol : Z1
Abbreviated symbol : Z1
Abbreviated symbol : Z1
ROHM : SMT6
EIAJ : SC-74
IMZ1A
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions
0.1Min.
2.1
1.25
0.3to0.6
2.8
1.6
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


Similar Part No. - EMZ1

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
EMZ1 SECOS-EMZ1 Datasheet
1Mb / 4P
Silicon Epitaxial Planar
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
logo
Jiangsu Changjiang Elec...
EMZ1 JIANGSU-EMZ1 Datasheet
814Kb / 4P
Dual Transistors (NPNPNP)
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
More results

Similar Description - EMZ1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ7 ROHM-EMZ7 Datasheet
82Kb / 4P
General purpose transistor(dual transistors)
IMZ4 ROHM-IMZ4 Datasheet
94Kb / 5P
General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_1 Datasheet
119Kb / 5P
General purpose transistor (dual transistors)
IMX17 ROHM-IMX17_1 Datasheet
91Kb / 4P
General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_08 Datasheet
65Kb / 5P
General purpose transistor (dual transistors)
UMZ1NTR ROHM-UMZ1NTR Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
EMZ1T2R ROHM-EMZ1T2R Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
General purpose transistor (dual transistors)
EMZ7T2R ROHM-EMZ7T2R Datasheet
122Kb / 5P
General purpose transistor (dual transistors)
EMX1FHA ROHM-EMX1FHA Datasheet
1Mb / 8P
General purpose transistor (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com