Electronic Components Datasheet Search
  English  ▼

X  

AMCT-1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # AMCT-1
Description  Krimptite??Quick Disconnect, Male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

AMCT-1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  AMCT-1 Datasheet HTML 1Page - Molex Electronics Ltd. AMCT-1 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190220004
Status:
Active
Description:
Krimptite™ Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Box, Tab 6.35mm
(.250") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19022
Comments
Economical
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
Krimptite™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Male
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Copper
Material - Plating Mating
Gold
Material - Plating Termination
90/10 Tin Lead, 90/10 Tin-Lead
Orientation
Straight
Packaging Type
Bag
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
Per Wire Specification
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
AMCT-1
Reference - Drawing Numbers
Sales Drawing
SD-19022-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19022Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640030100
Hand Crimp Tool
0640031200
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640070100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640071200
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - AMCT-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AMCT-17 MOLEX4-AMCT-17 Datasheet
87Kb / 2P
Krimptite??Quick Disconnect
AMCT-17 MOLEX-AMCT-17 Datasheet
31Kb / 2P
Standard Quick-Disconnect Terminals
04/15/2019
AMCT-17T MOLEX4-AMCT-17T Datasheet
87Kb / 2P
Krimptite??Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
AMCT-1T MOLEX4-AMCT-1T Datasheet
89Kb / 2P
Krimptite??Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
More results

Similar Description - AMCT-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190220017 MOLEX4-0190220017 Datasheet
89Kb / 2P
Krimptite??Quick Disconnect, Male, for 10-12 (5.00-3.30) Wire
0190080009 MOLEX4-0190080009 Datasheet
110Kb / 3P
Flag Krimptite??Quick Disconnect
0190220006 MOLEX4-0190220006 Datasheet
87Kb / 2P
Krimptite??Quick Disconnect
0190160037 MOLEX4-0190160037 Datasheet
94Kb / 2P
Krimptite??Quick Disconnect
0190160010 MOLEX4-0190160010 Datasheet
74Kb / 2P
Krimptite??Quick Disconnect
0190080027 MOLEX4-0190080027 Datasheet
109Kb / 2P
Flag Krimptite??Quick Disconnect
0190080028 MOLEX4-0190080028 Datasheet
159Kb / 3P
Flag Krimptite??Quick Disconnect
0190220024 MOLEX4-0190220024 Datasheet
88Kb / 2P
Krimptite??Quick Disconnect
0190100031 MOLEX4-0190100031 Datasheet
113Kb / 2P
Krimptite??Piggyback Quick Disconnect
0190220015 MOLEX4-0190220015 Datasheet
88Kb / 2P
Krimptite??Quick Disconnect, Male, for 10-12 (5.00-3.30) Wire, Box, Tab 6.35mm(.250
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com