Electronic Components Datasheet Search
  English  ▼

X  

AMCT-4 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # AMCT-4
Description  VibraKrimp??Quick Disconnect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

AMCT-4 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  AMCT-4 Datasheet HTML 1Page - Molex Electronics Ltd. AMCT-4 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190240001
Status:
Active
Description:
VibraKrimp™ Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Box, Tab 6.35mm
(.250") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Quick Disconnects
Series
19024
Comments
Brass Sleeve with Funnel Ferrule Entry
Crimp Quality Equipment
Yes
Product Name
VibraKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Male
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Copper
Orientation
Straight
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
Per Wire Specification
Wire Insulation Diameter
3.60mm (.142") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
AMCT-4
Reference - Drawing Numbers
Sales Drawing
SD-19024-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19024Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640016600
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640056600
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - AMCT-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AMCT-4T MOLEX4-AMCT-4T Datasheet
115Kb / 2P
VibraKrimp??Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
More results

Similar Description - AMCT-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190090012 MOLEX4-0190090012 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190180014 MOLEX4-0190180014 Datasheet
88Kb / 3P
VibraKrimp??Quick Disconnect
0190180006 MOLEX4-0190180006 Datasheet
88Kb / 3P
VibraKrimp??Quick Disconnect
0190180003 MOLEX4-0190180003 Datasheet
137Kb / 3P
VibraKrimp??Quick Disconnect
0190090006 MOLEX4-0190090006 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag
0190090013 MOLEX4-0190090013 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190090010 MOLEX4-0190090010 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190090004 MOLEX4-0190090004 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire
0190090001 MOLEX4-0190090001 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag,Female, for 18-22 AWG Wire
0190090003 MOLEX4-0190090003 Datasheet
72Kb / 2P
VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com