Electronic Components Datasheet Search
  English  ▼

X  

TL-G Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # TL-G
Description  Twist Lock Splice for 14-22 AWG Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

TL-G Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  TL-G Datasheet HTML 1Page - Molex Electronics Ltd. TL-G Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191600039
Status:
Active
Description:
Twist Lock Splice for 14-22 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR700095
UL
E32244
General
Product Family
Splices
Series
19160
Crimp Quality Equipment
Yes
Mil-Spec
N/A
MolexKits
Yes
Product Name
Closed-End Twist Lock
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
Nylon (PA)
Packaging Type
Bag
Temperature Range - Operating
105°C
Wire Insulation Diameter
6.6mm (.26") max
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
2.00 - 3.50
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
TL-G
Reference - Drawing Numbers
Sales Drawing
SD-19160-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19160Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - TL-G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-G OMRON-TL-G Datasheet
119Kb / 9P
Compact Rectangular Inductive Prox
More results

Similar Description - TL-G

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191990007 MOLEX4-0191990007 Datasheet
115Kb / 2P
Butt - Window Splice for 18-22 AWG Wire
0192150013 MOLEX4-0192150013 Datasheet
107Kb / 2P
Step Down Butt Splice for 14-22 AWG Wire
0191890004 MOLEX4-0191890004 Datasheet
96Kb / 2P
Krimptite??Butt Splice for 18-22 AWG Wire
0191600040 MOLEX4-0191600040 Datasheet
96Kb / 2P
Twist Lock Splice for 14-22 AWG Wire
0191600194 MOLEX4-0191600194 Datasheet
90Kb / 2P
Wing Lock Splice for 8-22 AWG Wire
0191600043 MOLEX4-0191600043 Datasheet
96Kb / 2P
Twist Lock Splice for 8-22 AWG Wire
0191600042 MOLEX4-0191600042 Datasheet
96Kb / 2P
Twist Lock Splice for 10-22 AWG Wire
0191600012 MOLEX4-0191600012 Datasheet
101Kb / 2P
Closed-End Insulated Splice for 14-22 AWG Wire
0191600041 MOLEX4-0191600041 Datasheet
96Kb / 2P
Twist Lock Splice for 14-22 AWG Wire
0191600047 MOLEX4-0191600047 Datasheet
97Kb / 2P
Wing Lock Splice for 6-14 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com