Electronic Components Datasheet Search
  English  ▼

X  

MCT-2XT Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MCT-2XT
Description  InsulKrimp??Fully Insulated Quick Disconnect, Male, for 14-16 AWG (2.00-1.30 mm)Wire, Mylar Tape, Tab 6.35mm (.250
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

MCT-2XT Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MCT-2XT Datasheet HTML 1Page - Molex Electronics Ltd. MCT-2XT Datasheet HTML 2Page - Molex Electronics Ltd. MCT-2XT Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190230014
Status:
Active
Description:
InsulKrimp™ Fully Insulated Quick Disconnect, Male, for 14-16 AWG (2.00-1.30 mm)
Wire, Mylar Tape, Tab 6.35mm (.250") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19023
Comments
Funnel Entry
Crimp Quality Equipment
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Gender
Male
Glow-Wire Compliant
No
Insulation
PVC
Lock to Mating Part
None
Material - Metal
Brass
Material - Resin
PVC
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-50°C to +105°C
Wire Insulation Diameter
4.40mm (.175") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
MCT-2XT
Reference - Drawing Numbers
Product Specification
PS-19902-008
Sales Drawing
SD-19023-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19023Series
Use With
19005-0005
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880085
Mini-Mac™
Applicator
0638853400


Similar Part No. - MCT-2XT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MCT-2X MOLEX4-MCT-2X Datasheet
126Kb / 2P
InsulKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
More results

Similar Description - MCT-2XT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190010007 MOLEX3-0190010007 Datasheet
120Kb / 3P
Avikrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30), Mylar Tape, Tab 6.35mm (.250") x 0.81mm (.032")
0190070028 MOLEX4-0190070028 Datasheet
114Kb / 3P
Flag InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal Strip,Tab 6.35mm (.250
0190230012 MOLEX4-0190230012 Datasheet
126Kb / 2P
InsulKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190170035 MOLEX4-0190170035 Datasheet
128Kb / 3P
InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab4.75mm (.187
0190030049 MOLEX4-0190030049 Datasheet
176Kb / 3P
InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0190230011 MOLEX4-0190230011 Datasheet
125Kb / 2P
InsulKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190040008 MOLEX4-0190040008 Datasheet
113Kb / 3P
InsulKrimp??Fully Insulated Coupler, Male, for 14-16 AWG Wire, Mylar Tape
0190170041 MOLEX4-0190170041 Datasheet
128Kb / 3P
InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0190250010 MOLEX4-0190250010 Datasheet
227Kb / 4P
Avikrimp™Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab 6.35mm (.250
04/12/2010
0190030042 MOLEX4-0190030042 Datasheet
222Kb / 3P
InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com