Electronic Components Datasheet Search
  English  ▼

X  

190840002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 190840002
Description  Open Barrel Star Ring, Brass, 14-18 AWG, Stud Size 8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190840002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  190840002 Datasheet HTML 1Page - Molex Electronics Ltd. 190840002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190840002
Status:
Active
Description:
Open Barrel Star Ring, Brass, 14-18 AWG, Stud Size 8
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-006 (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19084
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
N/A
Type
Ring
Physical
Barrel Type
Open
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Reel
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
8 (M4)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
N/A
Wire Size AWG
14, 16, 18
Wire Size mm²
0.80 - 2.00
Material Info
Old Part Number
SRZ-0129-08
Reference - Drawing Numbers
Product Specification
PS-19902-006
Sales Drawing
SD-19084-001
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19084Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ASP Perishable
Tool Kit used in ASP
presses that process
metal strip product
0190290053
Mini-Mac™
Applicator
0638815600
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 190840002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190840001 MOLEX4-190840001 Datasheet
90Kb / 2P
Open Barrel Star Ring , Brass, for 14-18 AWG Wire, Stud Size 6
190840005 MOLEX4-190840005 Datasheet
90Kb / 2P
Open Barrel Star Ring , Tin-Plated Brass, for 14-18 AWG Wire Range, Stud Size 8(M4)
190840006 MOLEX4-190840006 Datasheet
90Kb / 2P
Open Barrel Star Ring , Tin-Plated Brass, for 14-18 AWG Wire Range, Stud Size 10(M5)
190840007 MOLEX4-190840007 Datasheet
95Kb / 2P
Open Barrel Star Ring , Tin-Plated Steel, for 14-18 AWG Wire Range, Stud Size 6
190840008 MOLEX4-190840008 Datasheet
90Kb / 2P
Open Barrel Star Ring
More results

Similar Description - 190840002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190840003 MOLEX4-0190840003 Datasheet
90Kb / 2P
Open Barrel Star Ring, Brass, for 14-18 AWG Wire, Stud Size 10
0190840001 MOLEX4-0190840001 Datasheet
90Kb / 2P
Open Barrel Star Ring , Brass, for 14-18 AWG Wire, Stud Size 6
0190850004 MOLEX4-0190850004 Datasheet
94Kb / 2P
Open Barrel Ring , Tin-Plated Brass, for 14-18 AWG Wire, Stud Size 6 (M3.5)
0190840005 MOLEX4-0190840005 Datasheet
90Kb / 2P
Open Barrel Star Ring , Tin-Plated Brass, for 14-18 AWG Wire Range, Stud Size 8(M4)
0190850006 MOLEX4-0190850006 Datasheet
94Kb / 2P
Open Barrel Ring , Tin-Plated Brass, for 14-18 AWG Wire, Stud Size 10 (M5)
0190840004 MOLEX4-0190840004 Datasheet
95Kb / 2P
Open Barrel Star Ring , Tin-Plated Brass, for 14-18 AWG Wire Range, Stud Size 6(M3.5)
0190840006 MOLEX4-0190840006 Datasheet
90Kb / 2P
Open Barrel Star Ring , Tin-Plated Brass, for 14-18 AWG Wire Range, Stud Size 10(M5)
0190850005 MOLEX4-0190850005 Datasheet
94Kb / 2P
Open Barrel Ring , Tin-Plated Brass, for 14-18 AWG Wire, Stud Size 8 (M4)
0190850003 MOLEX4-0190850003 Datasheet
93Kb / 2P
Open Barrel Ring , Brass, for 14-18 AWG Wire, Stud Size 10
0190850001 MOLEX4-0190850001 Datasheet
93Kb / 2P
Open Barrel Ring , Brass, for 14-18 AWG Wire, Stud Size 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com