Electronic Components Datasheet Search
  English  ▼

X  

MCT-2X Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MCT-2X
Description  InsulKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

MCT-2X Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MCT-2X Datasheet HTML 1Page - Molex Electronics Ltd. MCT-2X Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190230012
Status:
Active
Description:
InsulKrimp™ Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm
(.250") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19023
Comments
Funnel Entry
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Gender
Male
Glow-Wire Compliant
No
Insulation
PVC
Lock to Mating Part
None
Material - Metal
Brass
Material - Resin
PVC
Orientation
Straight
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-50°C to +105°C
Wire Insulation Diameter
4.40mm (.175") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
MCT-2X
Reference - Drawing Numbers
Product Specification
PS-19902-008
Sales Drawing
SD-19023-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19023Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640011400
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051400
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - MCT-2X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MCT-2XT MOLEX4-MCT-2XT Datasheet
126Kb / 3P
InsulKrimp??Fully Insulated Quick Disconnect, Male, for 14-16 AWG (2.00-1.30 mm)Wire, Mylar Tape, Tab 6.35mm (.250
More results

Similar Description - MCT-2X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190010006 MOLEX3-0190010006 Datasheet
120Kb / 2P
Avikrimp?줢uick Disconnect, Male, for 14-16 (2.00-1.30), Box, Tab 6.35mm (.250") x 0.81mm (.032")
0190170032 MOLEX4-0190170032 Datasheet
129Kb / 2P
InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187") x 0.81mm (.032")
0190170037 MOLEX4-0190170037 Datasheet
129Kb / 2P
InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190240007 MOLEX4-0190240007 Datasheet
116Kb / 2P
VibraKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190170044 MOLEX4-0190170044 Datasheet
128Kb / 2P
InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 5.21mm(.205") x 0.81mm (.032
0190160111 MOLEX4-0190160111 Datasheet
86Kb / 2P
Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190170028 MOLEX4-0190170028 Datasheet
2Mb / 2P
InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 2.79mm(.110") x 0.81mm (.032")
0190070021 MOLEX4-0190070021 Datasheet
114Kb / 2P
Flag InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
0190030047 MOLEX4-0190030047 Datasheet
177Kb / 3P
InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30), Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190190031 MOLEX4-0190190031 Datasheet
238Kb / 2P
Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com