Electronic Components Datasheet Search
  English  ▼

X  

0190770021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190770021
Description  Avikrimp??Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 6
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190770021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190770021 Datasheet HTML 1Page - Molex Electronics Ltd. 0190770021 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190770021
Status:
Active
Description:
Avikrimp™ Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 6
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19077
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Avikrimp™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
6 (M3.5)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
4.29mm (.169") max.
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.60
Material Info
Old Part Number
SRB-S-829-06
Reference - Drawing Numbers
Sales Drawing
SD-19077-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19077Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640011900
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051900
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190770021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190770023 MOLEX4-0190770023 Datasheet
111Kb / 2P
Avikrimp??Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8
0190770024 MOLEX4-0190770024 Datasheet
111Kb / 3P
Avikrimp??Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8, Mylar TapeCarrier
0190770025 MOLEX4-0190770025 Datasheet
109Kb / 2P
Avikrimp??Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 10
More results

Similar Description - 0190770021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190740021 MOLEX4-0190740021 Datasheet
79Kb / 2P
Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 6
0190770018 MOLEX4-0190770018 Datasheet
108Kb / 3P
Avikrimp??Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8, Mylar Tape
0190770017 MOLEX4-0190770017 Datasheet
107Kb / 2P
Avikrimp??Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8
0190770019 MOLEX4-0190770019 Datasheet
107Kb / 2P
Avikrimp??Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 10
0190770025 MOLEX4-0190770025 Datasheet
109Kb / 2P
Avikrimp??Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 10
0190770015 MOLEX4-0190770015 Datasheet
107Kb / 2P
Avikrimp??Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 6
0190750019 MOLEX4-0190750019 Datasheet
87Kb / 2P
InsulKrimp??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 6
0190770024 MOLEX4-0190770024 Datasheet
111Kb / 3P
Avikrimp??Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8, Mylar TapeCarrier
0190770009 MOLEX4-0190770009 Datasheet
111Kb / 2P
Avikrimp??Steel Star Ring Tongue Terminal 18-22 AWG Wire, Stud Size 6
0190770023 MOLEX4-0190770023 Datasheet
111Kb / 2P
Avikrimp??Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com