Electronic Components Datasheet Search
  English  ▼

X  

RN5VT09C Datasheet(PDF) 17 Page - RICOH electronics devices division

Part # RN5VT09C
Description  LOW VOLTAGE DETECTOR?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VT09C Datasheet(HTML) 17 Page - RICOH electronics devices division

Back Button RN5VT09C Datasheet HTML 13Page - RICOH electronics devices division RN5VT09C Datasheet HTML 14Page - RICOH electronics devices division RN5VT09C Datasheet HTML 15Page - RICOH electronics devices division RN5VT09C Datasheet HTML 16Page - RICOH electronics devices division RN5VT09C Datasheet HTML 17Page - RICOH electronics devices division RN5VT09C Datasheet HTML 18Page - RICOH electronics devices division RN5VT09C Datasheet HTML 19Page - RICOH electronics devices division RN5VT09C Datasheet HTML 20Page - RICOH electronics devices division RN5VT09C Datasheet HTML 21Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
13
Output Current 1
Output Current 2
IOUT(mA)
IOUT(mA)
Conditions
MIN.
TYP.
Conditions
MIN.
TYP.
Nch
VDS=
VDS=
VDD=
0.05V
0.01
0.05
0.50V
1.5V
1.0
2.0
VDD=
0.7V
Output Current 3
Output Delay
Minimum
IOUT(mA)
tPLH(µs)
VDDL(V)
Conditions
MIN.
TYP.
MAX.
TYP.
MAX.
Pch
Note 2 Note 2
VDS=
Note 1
Condition 1 Condition 1
–2.1V
1.5
3.0
100
0.55
0.70
VDD=
Condition 2 Condition 2
8.0V
0.65
0.80
Detector Threshold
Conditions
TYP.
–30˚C
≤
Topt
±100
≤80˚C
Time
Operating Voltage
Tempco.
∆–VDET/∆Topt
(ppm/˚C)
Topt=25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com