Electronic Components Datasheet Search
  English  ▼

X  

AMCT-5 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # AMCT-5
Description  Avikrimp??Quick Disconnect for 18-22 AWG Wire, Male, 6.35mm (.250x 0.81mm(.032") Tab
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

AMCT-5 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  AMCT-5 Datasheet HTML 1Page - Molex Electronics Ltd. AMCT-5 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190250001
Status:
Active
Description:
Avikrimp™ Quick Disconnect for 18-22 AWG Wire, Male, 6.35mm (.250") x 0.81mm
(.032") Tab
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19025
Comments
Funnel Ferrule Entry
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Gender
Male
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Copper
Material - Resin
Nylon
Orientation
Straight
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
6.30mm (.248") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
AMCT-5
Reference - Drawing Numbers
Sales Drawing
SD-19025-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19025Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - AMCT-5

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AMCT-57 MOLEX4-AMCT-57 Datasheet
130Kb / 2P
Avikrimp??Quick Disconnect for 18-22 AWG Wire, Male, 4.75mm (.187") x 0.51mm(.020") Tab
AMCT-57T MOLEX4-AMCT-57T Datasheet
132Kb / 3P
Avikrimp?줢uick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
AMCT-5T MOLEX4-AMCT-5T Datasheet
132Kb / 3P
Avikrimp?줢uick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
More results

Similar Description - AMCT-5

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190010001 MOLEX3-0190010001 Datasheet
120Kb / 2P
Avikrimp??Quick Disconnect, Male, for 18-22 (0.80-0.35), Box, Tab 6.35mm (.250") x 0.81mm (.032")
0190010002 MOLEX3-0190010002 Datasheet
121Kb / 3P
Avikrimp Quick Disconnect, Male, for 18-22 (0.80-0.35), Mylar Tape, Tab 6.35mm (.250") x 0.81mm (.032")
0190120029 MOLEX4-0190120029 Datasheet
126Kb / 2P
Avikrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250") by 0.81mm (.032"), 18-22 AWG, Red Insulator, Loose
0190250007 MOLEX4-0190250007 Datasheet
132Kb / 2P
Avikrimp??Quick Disconnect for 14-16 AWG Wire, Male, 6.35mm (.250") x 0.81mm(.032") Tab
0190190012 MOLEX4-0190190012 Datasheet
238Kb / 2P
Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190250005 MOLEX4-0190250005 Datasheet
132Kb / 2P
Avikrimp??Quick Disconnect for 10-12 AWG Wire, Male, 6.35mm (.250") x 0.81mm(032") Tab
0197054201 MOLEX4-0197054201 Datasheet
119Kb / 2P
PCB Tab Quick Disconnect, Male, for Wire, Box, Tab 6.35mm (.250") x 0.81mm (.032")
0190190004 MOLEX4-0190190004 Datasheet
238Kb / 2P
Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 2.79mm(.110") x 0.81mm (.032")
0190060001 MOLEX4-0190060001 Datasheet
95Kb / 2P
Avikrimp??Quick Disconnect for 18-22 AWG Wire, Female Flag, Tab 6.35mm (.250") x0.81mm (.032")
0940304081 MOLEX11-0940304081 Datasheet
78Kb / 2P
Quick Disconnect, Male for 1.00-2.50mm짼 (10-18 AWG) Wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com