Electronic Components Datasheet Search
  English  ▼

X  

PM9106APA Datasheet(PDF) 2 Page - Sames

Part # PM9106APA
Description  SINGLE PHASE WATT MEASUREMENT MODULE WITH A 5 DIGIT LED DISPLAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9106APA Datasheet(HTML) 2 Page - Sames

  PM9106APA Datasheet HTML 1Page - Sames PM9106APA Datasheet HTML 2Page - Sames PM9106APA Datasheet HTML 3Page - Sames PM9106APA Datasheet HTML 4Page - Sames PM9106APA Datasheet HTML 5Page - Sames PM9106APA Datasheet HTML 6Page - Sames PM9106APA Datasheet HTML 7Page - Sames PM9106APA Datasheet HTML 8Page - Sames PM9106APA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PM9106AP
2/10
sames
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Note 1)
V
AC
540
V
Current Sense Input (Note 1)
V
IV
-2.5
+2.5
V
Storage Temperature
T
STG
-25
+125
°C
Operating Temperature (Note2)
T
O
-10
+70
°C
Note 1:
Voltages are specified with reference to Live.
Note 2:
The SA9106AP integrated circuit is specified to operate over the temperature
range -10°C to +70°C. The module functionality will however depend upon
the external components used.
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
NEUTRAL
(Mains)
NEUTRAL IN
NEUTRAL OUT
LIVE
POWER
SUPPLY
SHUNT
SA9106A
WATT
METER
IC
DR-00913
5-DIGIT
LED
DISPLAY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com