Electronic Components Datasheet Search
  English  ▼

X  

PM9604 Datasheet(PDF) 12 Page - Sames

Part # PM9604
Description  THREE PHASE POWER/ENERGY METERING MODULE FOR SPI BUS AND PULSE OUTPUT DEVICES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9604 Datasheet(HTML) 12 Page - Sames

Back Button PM9604 Datasheet HTML 6Page - Sames PM9604 Datasheet HTML 7Page - Sames PM9604 Datasheet HTML 8Page - Sames PM9604 Datasheet HTML 9Page - Sames PM9604 Datasheet HTML 10Page - Sames PM9604 Datasheet HTML 11Page - Sames PM9604 Datasheet HTML 12Page - Sames PM9604 Datasheet HTML 13Page - Sames PM9604 Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PM9604/5AP
12/14
sames
ORDERING INFORMATION
Part Number
Description
PM9604/5APA
3 X 115V, 3 X 80A Module
PM9604/5APE
3 X 230V, 3 X 80A Module
Item
Symbol
Description
Detail
PM9604/5APE
PM9604/5APA
230V
115V
3
R1A
200k
Ω
120k
Ω
4
R1B
180k
Ω
82k
Ω
5
R2A
200k
Ω
120k
Ω
6
R2B
180k
Ω
82k
Ω
7
R3A
200k
Ω
120k
Ω
8
R3B
180k
Ω
82k
Ω
47
C4
470nF
1µF
48
C5
470nF
1µF
49
C6
470nF
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com