Electronic Components Datasheet Search
  English  ▼

X  

SA2531A Datasheet(PDF) 4 Page - Sames

Part # SA2531A
Description  VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2531A Datasheet(HTML) 4 Page - Sames

  SA2531A Datasheet HTML 1Page - Sames SA2531A Datasheet HTML 2Page - Sames SA2531A Datasheet HTML 3Page - Sames SA2531A Datasheet HTML 4Page - Sames SA2531A Datasheet HTML 5Page - Sames SA2531A Datasheet HTML 6Page - Sames SA2531A Datasheet HTML 7Page - Sames SA2531A Datasheet HTML 8Page - Sames SA2531A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/24
SA2531 A/B/C/E/G/U
sames
FUNCTIONAL DESCRIPTION
Power On Reset
The on chip power on reset circuit monitors the supply voltage (V
DD). When VDD rises above
approx. 1.2V, a power on reset occurs to assure correct start-up and the RAM is cleared.
DC Conditions
The normal operating range is from 13mA to 100 mA.
Operating range with reduced
performance is from 5mA to 13mA. In the operating range all functions are operational.
At line currents below 13mA the SA2531 provided an additional scope below 4.5V to allow
parallel operation. (See Figure 12).
The dc characteristic (excluding diode bridge and Pulsing transistors) is determined by the
voltage at LI and the resistor R1 as follows:
VLS = VLI + I
Line.R1
The voltage at LI is 4.5V.
During pulse dialling the speech circuit and other parts of the device not required are in a
power down mode to save current. The CS pin is pulled to V
SS in order to turn the external
shunt transistor on to keep a low voltage drop at the LS pin during make periods.
AC Impedance
The Characteristic or Output impedance of the SA2531 is set within the IC and adjusted by
Mask Options. Available options are for 600
Ω and 1000Ω. When the 1000Ω option is selected
then a capacitor may be added to the circuit at pin CI to add a reactive element and make the
output impedance complex.
Oscillator
All the Timing Functions of the SA2531 are based on a Clock Frequency of 3.58MHz. A crystal
or ceramic resonator of this frequency should be connected to the OSC pin. In practise minor
deviations from the nominal frequency may occur due to the characteristics of the frequency
reference device used and so it is recommended that care is taken in the selection of
components.
Typically a small value capacitor (
≤47pF) should be connected in parallel with the Frequency
Reference to ensure start-up and/or operation at the nominal frequency.
Speech Circuit
The speech circuit consists of a transmit and a receive path born with soft clip, mute, line loss
compensation and side tone cancellation.
Transmit
The gain of the transmit from M1/M2 to LS is 35dB for 600
Ω versions and 37dB for 1000Ω
versions (see test circuit figure 5). The microphone input is differential with an input
impedance of 25 k
Ω.
The soft clip circuit limits the output voltage at LI to 2.0V
PEAK (see figures 8 & 9). The attack
time is 30µs/6dB and the decay time is 20 ms/6 dB. When mute is active, during dialling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com