Electronic Components Datasheet Search
  English  ▼

X  

SA2532 Datasheet(PDF) 7 Page - Sames

Part # SA2532
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532 Datasheet(HTML) 7 Page - Sames

Back Button SA2532 Datasheet HTML 3Page - Sames SA2532 Datasheet HTML 4Page - Sames SA2532 Datasheet HTML 5Page - Sames SA2532 Datasheet HTML 6Page - Sames SA2532 Datasheet HTML 7Page - Sames SA2532 Datasheet HTML 8Page - Sames SA2532 Datasheet HTML 9Page - Sames SA2532 Datasheet HTML 10Page - Sames SA2532 Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
sames
SA2532
7/22
Microcontroller Interface
The keypad Row and Column Pins can readily be driven by a Microcontroller Interface. When
configured in this way the SA2532 inputs and dials the corresponding digits in either LD or
DTMF.
The LNR store can be used to buffer digits to allow high speed data entry. See
Application Note AN3002A for details.
Tone Ringer
The Tone Ringer of the SA2532 incorporates a Discriminator Circuit and adjustable Melody
Generator
Ring Frequency Discrimination
The Ring Frequency Discriminator assures that only signals with a frequency between
20Hz and 60Hz (option 13 Hz to 60 Hz) are regarded as valid ring signals.
When a valid ring signal is present for 73ms continuously, the melody generator is
activated and remains active as long as the ring signal is present.
Once the melody generator has been started, the ring signal is continuously monitored
and the melody generator is instantly turned on or off according to the momentary
presence of a valid or unvalid ring signal respectively (until next POR or off-hook).
Melody Generator
When a Valid Ring Signal is detected the Melody generator is activated and creates a
ringing Signal comprising 3 frequencies F1 (1065Hz), F2 (1420Hz) and F3 (1734Hz).
These frequencies are repeated in a sequence of 6 time slots constructed by the
frequencies
F1
F2
F3
F1
F2
F3
This sequence is repeated 1, 4, 7 or 10 times per second as indicated by the connection
of the RR Pin to one of the four rows of the keyboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com