Electronic Components Datasheet Search
  English  ▼

X  

0350092011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0350092011
Description  1.00mm (.039") Diameter Wire-to-Board Header, Right Angle, Dual Row, 10 Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0350092011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0350092011 Datasheet HTML 1Page - Molex Electronics Ltd. 0350092011 Datasheet HTML 2Page - Molex Electronics Ltd. 0350092011 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0350092011
Status:
Active
Description:
1.00mm (.039") Diameter Wire-to-Board Header, Right Angle, Dual Row, 10 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
35009
Application
Wire-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Natural
Durability (mating cycles max)
50
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.126 In
PC Tail Length (mm)
3.20 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
6A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-35009-2011
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35009Series
Mates With
Wire-to-Board Receptacle Housing 35200 ,
35509


Similar Part No. - 0350092011

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
03500.0-00 STEGO-03500.0-00 Datasheet
146Kb / 1P
ELECTRICAL SOCKET
19.03.2019
03500.0-01 STEGO-03500.0-01 Datasheet
146Kb / 1P
ELECTRICAL SOCKET
19.03.2019
logo
Littelfuse
03500417TXN LITTELFUSE-03500417TXN Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
03500417XP LITTELFUSE-03500417XP Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
03500417Z LITTELFUSE-03500417Z Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
More results

Similar Description - 0350092011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0352414011 MOLEX4-0352414011 Datasheet
126Kb / 2P
1.00mm (.039") Diameter Wire-to-Wire Plug Housing
0352001000 MOLEX4-0352001000 Datasheet
106Kb / 2P
1.00mm (.039") Diameter Wire-to-Board Receptacle Housing
0355080700 MOLEX5-0355080700 Datasheet
78Kb / 2P
1.00mm (.039") Diameter Wire-to-Board Receptacle Housing - Single Row
5011904027 MOLEX11-5011904027 Datasheet
240Kb / 5P
1.00mm (.039") Pitch Pico-Clasp Wire-to-Board PCB Header, Dual Row, Vertical, 40 Circuits
5015714007 MOLEX11-5015714007 Datasheet
253Kb / 5P
1.00mm (.039") Pitch Pico-Clasp Wire-to-Board PCB Header, Dual Row, Right Angle, 40 Circuits, Lead-free
5011902027 MOLEX11-5011902027 Datasheet
240Kb / 5P
1.00mm (.039") Pitch Pico-Clasp Wire-to-Board PCB Header, Dual Row, Vertical, 20 Circuits
5011904017 MOLEX11-5011904017 Datasheet
240Kb / 5P
1.00mm (.039") Pitch Pico-Clasp Wire-to-Board PCB Header, Dual Row, Vertical, 40 Circuits
5015713007 MOLEX11-5015713007 Datasheet
253Kb / 5P
1.00mm (.039") Pitch Pico-Clasp Wire-to-Board PCB Header, Dual Row, Right Angle, 30 Circuits, Lead-free
5015712007 MOLEX11-5015712007 Datasheet
253Kb / 5P
1.00mm (.039") Pitch Pico-Clasp Wire-to-Board PCB Header, Dual Row, Right Angle, 20 Circuits, Lead-free
5015715007 MOLEX1-5015715007 Datasheet
241Kb / 5P
1.00mm (.039") Pitch Pico-Clasp??Wire-to-Board PCB Header, Dual Row, Right Angle,50 Circuits, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com