Electronic Components Datasheet Search
  English  ▼

X  

SA2532CP Datasheet(PDF) 15 Page - Sames

Part # SA2532CP
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532CP Datasheet(HTML) 15 Page - Sames

Back Button SA2532CP Datasheet HTML 11Page - Sames SA2532CP Datasheet HTML 12Page - Sames SA2532CP Datasheet HTML 13Page - Sames SA2532CP Datasheet HTML 14Page - Sames SA2532CP Datasheet HTML 15Page - Sames SA2532CP Datasheet HTML 16Page - Sames SA2532CP Datasheet HTML 17Page - Sames SA2532CP Datasheet HTML 18Page - Sames SA2532CP Datasheet HTML 19Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
sames
SA2532
15/22
AC Characteristics (I
LINE=15mA;f=800Hz unless otherwise specified)
Symbol Parameter
Conditions
Min
Typ
Max
Units
TX
Transmit
Test Circuit Fig.5
A
TX
Gain (M1/M2)
Z
RL=600Ω
34
35
36
dB
Z
RL = 1000Ω
36.5
A
TX/F
Variation with Frequency
f=500Hz to 3.4kHz
±0.8
dB
THD
Distortion
V
LI≤0.5VRMS
2%
V
AGC
Soft Clip Level
V
LI =2
V
PEAK
A
SCO
Soft Clip Overdrive
20
dB
t
ATTACK
Attack Time
30
µs/6dB
t
DECAY
Decay Time
20
ms/6dB
Z
IN
Input Impedance (M1/M2)
20
k
Ω
A
MUTE
Mute Attenuation
Mute activated
60
dB
V
NO
Noise Output Voltage
-72
dBmp
V
FC
Unwanted Frequency
50...300 Hz
-43
dBm
Components
4.3...28 kHz
note 1
above 28 kHZ
-70
dBm
V
IN MAX
Input Voltage Range
Differential
±1
V
PEAK
(M1/M2)
Single Ended
±0.5
V
PEAK
BJT
Output Driver
V
IN MAX
Input Voltage Range (LI)
±2
V
PEAK
V
TX
Dynamic Range
±2
V
PEAK
RL
Return Loss
Z
RL = 600Ω SA2532A
18
dB
Z
RL = 1000Ω SA2532C/U
Note 1: -37 dBm at 4.3 kHz and decreasing 12 dB/octave till 28 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com