Electronic Components Datasheet Search
  English  ▼

X  

SA2532US Datasheet(PDF) 20 Page - Sames

Part # SA2532US
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532US Datasheet(HTML) 20 Page - Sames

Back Button SA2532US Datasheet HTML 14Page - Sames SA2532US Datasheet HTML 15Page - Sames SA2532US Datasheet HTML 16Page - Sames SA2532US Datasheet HTML 17Page - Sames SA2532US Datasheet HTML 18Page - Sames SA2532US Datasheet HTML 19Page - Sames SA2532US Datasheet HTML 20Page - Sames SA2532US Datasheet HTML 21Page - Sames SA2532US Datasheet HTML 22Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20/22
SA2532
sames
Ordering Information:
Versions
ZRL
DTMF
R2
Access
Package
(ohm)
Level
Period
Pause
SA2532A P
600
-6/-8dBm
280ms
3s
28 pin DIP
SA2532A S
600
-6/-8dBm
280ms
3s
28 pin SOIC
SA2532C P
1000
-6/-8dBm
280ms
6s
28 pin DIP
SA2532C S
1000
-6/-8dBm
280ms
6s
28 pin SOIC
SA2532U P
1000
-9/-11dBm
600ms
3s
28 pin DIP
SA2532U S
1000
-9/-11dBm
600ms
3s
28 pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com