Electronic Components Datasheet Search
  English  ▼

X  

SA8807A Datasheet(PDF) 1 Page - Sames

Part # SA8807A
Description  96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8807A Datasheet(HTML) 1 Page - Sames

  SA8807A Datasheet HTML 1Page - Sames SA8807A Datasheet HTML 2Page - Sames SA8807A Datasheet HTML 3Page - Sames SA8807A Datasheet HTML 4Page - Sames SA8807A Datasheet HTML 5Page - Sames SA8807A Datasheet HTML 6Page - Sames SA8807A Datasheet HTML 7Page - Sames SA8807A Datasheet HTML 8Page - Sames SA8807A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DESCRIPTION
sames
1/14
SA8807A
96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER
SERIAL (SPI) INTERFACE
PIN CONNECTIONS
4076
PDS039-SA8807-001
REV. C
11-09-95
The SAMES SA8807A Liquid Crystal
Display (LCD) Driver is capable of driving
up to 96 LCD segments and is designed for
displays having 3 or 4 track multiplexed
backplanes.
The SA8807A includes an on-chip
oscillator. The data exchange is carried
out via the Serial Peripheral Interface (SPI).
This LCD driver is ideal for any micro-
controller based system requiring a liquid
crystal display of up to 12 digits.
The SA8807A integrated circuit is available
in both 40 pin dual-in-line plastic (DIP-40),
as well as 44 pin plastic leaded chip carrier
(PLCC-44) package types.
Package: DIP-40
FEATURES
•
Drives up to 96 segments
•
Serial (SPI) interface with Read/Write
capability
•
Operates over a wide temperature
range
• External contrast control
• Low power CMOS
GND
VR[0]
VR[1]
VR[2]
CLK
VR[3]
M3
VI
NC
DR-00580
SCK
MOSI
MISO
VS[20]
VS[21]
VS[22]
VS[23]
RES
END
DD
CE
V
VS[7]
VS[3]
VS[0]
VS[1]
VS[2]
VS[4]
VS[5]
VS[6]
VS[8]
VS[18]
VS[11]
VS[9]
VS[10]
VS[12]
VS[13]
VS[14]
VS[15]
VS[16]
VS[17]
VS[19]


Similar Part No. - SA8807A

ManufacturerPart #DatasheetDescription
logo
Sames
SA8803 SAMES-SA8803 Datasheet
84Kb / 10P
LIGHT EMITTING DIODE DRIVER
SA8806A SAMES-SA8806A Datasheet
238Kb / 10P
64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8806AFA SAMES-SA8806AFA Datasheet
238Kb / 10P
64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8806APA SAMES-SA8806APA Datasheet
238Kb / 10P
64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
More results

Similar Description - SA8807A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
Liquid Crystal Display Driver
logo
Sames
SA8806A SAMES-SA8806A Datasheet
238Kb / 10P
64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
logo
National Semiconductor ...
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
Liquid Crystal Display Driver
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
Liquid Crystal Display Driver
logo
Newhaven Display Intern...
NHD-0216K3Z-FSRGB-FBW-V3 NEWHAVEN-NHD-0216K3Z-FSRGB-FBW-V3 Datasheet
499Kb / 15P
Serial Liquid Crystal Display Module
NHD-0216K3Z-NSRGB-FBW-V3 NEWHAVEN-NHD-0216K3Z-NSRGB-FBW-V3 Datasheet
499Kb / 15P
Serial Liquid Crystal Display Module
NHD-0220D3Z-FL-GBW-V3 NEWHAVEN-NHD-0220D3Z-FL-GBW-V3 Datasheet
527Kb / 15P
Serial Liquid Crystal Display Module
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
LIQUID-CRYSTAL DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com