Electronic Components Datasheet Search
  English  ▼

X  

SA9103E Datasheet(PDF) 1 Page - Sames

Part # SA9103E
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103E Datasheet(HTML) 1 Page - Sames

  SA9103E Datasheet HTML 1Page - Sames SA9103E Datasheet HTML 2Page - Sames SA9103E Datasheet HTML 3Page - Sames SA9103E Datasheet HTML 4Page - Sames SA9103E Datasheet HTML 5Page - Sames SA9103E Datasheet HTML 6Page - Sames SA9103E Datasheet HTML 7Page - Sames SA9103E Datasheet HTML 8Page - Sames SA9103E Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DESCRIPTION
The SAMES SA9103E Single Phase
bidirectional Power/Energy metering
integrated circuit has a serial interface with
a RS232 protocol, ideal for use with a µ-
Controller. The SA9103E performs the
calculation for active power.
The integrated value for active energy is
accessable through the RS232-Interface
as a 16 bit value.
This innovative universal single phase
power/energy metering integrated circuit
is ideally suited for energy calculations in
applications such as electricitydispensing
systems (ED's), residential municipal
metering and factory energy metering and
control.
The SA9103E integrated circuit is available
in both 20 pin dual-in-line plastic (DIP-20),
as well as 20 pin small outline (SOIC-20)
package types.
sames
SA9103E
PDS039-SA9103E-001
REV. B
14-11-1996
FEATURES
n
Performs bidirectional active power/
energy measurement
n
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
n
Protected against ESD
n
Power consumption rating below 25mW
n
Adaptable to different current sensor
technologies
n
Operates over a wide temperature
range
n
Serial interface having a RS232
protocol
n
Precision voltage reference on-chip
n
Tri-state output to allow parallel
connection of devices.
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY
METERING IC WITH SERIAL INTERFACE
4353
PIN CONNECTIONS
1/14
DR-00917
TP9
V
OSC2
8
9
10
DD
CPON
CPOP
IIN
CPIN
CPIP
VREF
IIP
2
4
6
7
3
5
1
11
12
13
OSC1
SOUT
SIN
19
14
15
16
17
18
20
IVP
V
CIP
CIN
COP
CON
SS
GND
Package: DIP-20
SOIC-20


Similar Part No. - SA9103E

ManufacturerPart #DatasheetDescription
logo
Sames
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9103CPA SAMES-SA9103CPA Datasheet
251Kb / 16P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9103CSA SAMES-SA9103CSA Datasheet
251Kb / 16P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
More results

Similar Description - SA9103E

ManufacturerPart #DatasheetDescription
logo
Sames
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9603C SAMES-SA9603C Datasheet
214Kb / 18P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9604A SAMES-SA9604A Datasheet
106Kb / 20P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
logo
Analog Devices
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
logo
Integral Corp.
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
Active Energy Metering IC with Serial Interface
REV. 0
logo
Sames
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com