Electronic Components Datasheet Search
  English  ▼

X  

0313874009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0313874009
Description  2.54mm (.100") Pitch, MX123??Female Header, 80 Circuits Shrouded Assembly0.64mm (.025") Square Pins, Harness Side Key Code G, Blue
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0313874009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0313874009 Datasheet HTML 1Page - Molex Electronics Ltd. 0313874009 Datasheet HTML 2Page - Molex Electronics Ltd. 0313874009 Datasheet HTML 3Page - Molex Electronics Ltd. 0313874009 Datasheet HTML 4Page - Molex Electronics Ltd. 0313874009 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0313874009
Status:
Active
Overview:
mx123_sealed_connection_systems
Description:
2.54mm (.100") Pitch, MX123™ Female Header, 80 Circuits Shrouded Assembly,
0.64mm (.025") Square Pins, Harness Side Key Code G, Blue
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34566-0000 (PDF)
General
Product Family
PCB Headers
Series
31387
Application
Wire-to-Board
Overview
mx123_sealed_connection_systems
Product Name
MX123
Physical
Breakaway
No
Circuits (Loaded)
80
Circuits (maximum)
80
Color - Resin
Gray
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
Nylon Alloy
Number of Rows
4
Orientation
Vertical
PC Tail Length (in)
0.255 In
PC Tail Length (mm)
6.50 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Carton
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.50 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.50 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
11A
Voltage - Maximum
500V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-31300-840
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31387Series
Mates With
MX123™ Female Receptacle Housing
34566 , 34576
Use With
33467 MX64 Female Terminals


Similar Part No. - 0313874009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0313874001 MOLEX4-0313874001 Datasheet
603Kb / 5P
2.54mm (.100") Pitch, MX123??Female Header, 80 Circuits Shrouded Assembly0.64mm (.025") Square Pins, Harness Side Key Code H, Blue
More results

Similar Description - 0313874009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0313872014 MOLEX4-0313872014 Datasheet
744Kb / 5P
2.54mm (.100") Pitch, MX123??Female Header
0345661403 MOLEX4-0345661403 Datasheet
3Mb / 37P
2.54mm (.100") Pitch, MX123 Female
0345661703 MOLEX4-0345661703 Datasheet
3Mb / 37P
2.54mm (.100") Pitch, MX123 Female
0313874001 MOLEX4-0313874001 Datasheet
603Kb / 5P
2.54mm (.100") Pitch, MX123??Female Header, 80 Circuits Shrouded Assembly0.64mm (.025") Square Pins, Harness Side Key Code H, Blue
0345761903 MOLEX4-0345761903 Datasheet
1Mb / 2P
2.54mm (.100") Pitch, MX123??Female Receptacle Housing, Keying Option G, WireDress Option 9, 56 Circuits, Blue TPA
0313872003 MOLEX4-0313872003 Datasheet
745Kb / 5P
2.54mm (.100") Pitch, MX123??Female Header, 73 Circuits Shrouded Assembly0.64mm (.025") Square Pins, Harness Side Key Code C, Blue
0345660703 MOLEX4-0345660703 Datasheet
3Mb / 37P
2.54mm (.100") Pitch, MX123 Female Receptacle Housing, Keying Option G, WireDress Option 0, 80 Circuits, Blue TPA
0345661903 MOLEX4-0345661903 Datasheet
3Mb / 37P
2.54mm (.100") Pitch, MX123 Female Receptacle Housing, Keying Option G, WireDress Option 9, 80 Circuits, Blue TPA
0313872002 MOLEX4-0313872002 Datasheet
744Kb / 5P
2.54mm (.100") Pitch, MX123??Female Header, 73 Circuits Shrouded Assembly0.64mm (.025") Square Pins, Harness Side Key Code B, Gray
0345760703 MOLEX4-0345760703 Datasheet
1Mb / 12P
2.54mm (.100") Pitch, MX123??Female Receptacle Housing, Keying Option G, WireDress Option 0, 56 Circuits, Blue TPA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com