Electronic Components Datasheet Search
  English  ▼

X  

SA9203 Datasheet(PDF) 7 Page - Sames

Part # SA9203
Description  6/3 X 8 PORT EXPANDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9203 Datasheet(HTML) 7 Page - Sames

Back Button SA9203 Datasheet HTML 3Page - Sames SA9203 Datasheet HTML 4Page - Sames SA9203 Datasheet HTML 5Page - Sames SA9203 Datasheet HTML 6Page - Sames SA9203 Datasheet HTML 7Page - Sames SA9203 Datasheet HTML 8Page - Sames SA9203 Datasheet HTML 9Page - Sames SA9203 Datasheet HTML 10Page - Sames SA9203 Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SA9203/5
sames
7/14
FUNCTIONAL DESCRIPTION
The SA9203 contains the following:
•
Six 8-bit general purpose I/O ports programmable to be either byte or bit addressable.
•
Two control registers for configuring the device. These control registers can be read
back.
•
An internal address latch for accessing a multiplexed CPU address/data bus.
•
The SA9203 appears to the CPU as a peripheral device occupying 256 bytes of
memory space. Certain locations in the memory map are occupied by the six I/O
ports and two control registers.
The SA9203 supports two basic I/O port addressing modes, via; byte-addressing and
bit-addressing. Any of the six I/O ports can be configured as byte-addressable /or bit-
addressable. In bit-addressing, individual bits of any I/O port can be addressed
independently. In a bit- addressing CPU read operation, D0 contains valid data while
D1..D7 should be ignored. In a bit-addressing CPU write operation, D0 will be written
to the addressed output pin while D1..D7 will be ignored. The Address Memory map
is shown in Figure 5. The bit-addressing mode applies to both the I/O ports and the
control registers. The SA9205 is a three port device with operation is identical to the
SA9203.
FIGURE 5: Address Memory Map
WWWWWWWW
A7
A6
A5
A4
A3
A2
A1
A0
BM
EI
CR2 CR1 CR0 BM2 MB1 BM0
Bit mode address 0
Bit mode address 1
Bit mode address 2
Control register address 0
Control register address 1
Control register address 2
0: Interupt function disabled
1: Interupt function enabled
0: Bit mode addressing enabled
1: Byte mode addressing enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com