Electronic Components Datasheet Search
  English  ▼

X  

SA9602H Datasheet(PDF) 12 Page - Sames

Part # SA9602H
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602H Datasheet(HTML) 12 Page - Sames

Back Button SA9602H Datasheet HTML 6Page - Sames SA9602H Datasheet HTML 7Page - Sames SA9602H Datasheet HTML 8Page - Sames SA9602H Datasheet HTML 9Page - Sames SA9602H Datasheet HTML 10Page - Sames SA9602H Datasheet HTML 11Page - Sames SA9602H Datasheet HTML 12Page - Sames SA9602H Datasheet HTML 13Page - Sames SA9602H Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SA9602H
12/14
sames
Parts List for Application Circuit: Figure 2
Item
Symbol
Description
Detail
1
IC-1
SA9602H
DIP-14
2
XTAL
Crystal, 3.5795MHz
Colour burst TV
3
RSH
Resistor
Note 1
4
R1
Resistor, 1%, metal
Note 2
5
R2
Resistor, 1%, metal
Note 2
6
R3
Resistor, 390k, (230VAC), 1%, metal
7
R4
Resistor, 1M, 1/4W, 1%, metal
8
R6
Resistor, 24k, 1/4W, metal
9
R7
Resistor, 24k, 1/4W, 1%, metal
10
R8
Resistor, 2.2k, 1/4W, 1%, metal
11
R9
Resistor, 2.2k, 1/4W, 1%, metal
12
C9
Capacitor, 820nF
Note 3
13
C10
Capacitor, 100nF
14
C11
Capacitor
Note 4
15
CT
Current transformer
Note 1:
See TYPICAL APPLICATIONS when selecting the value of RSH.
Note 2:
Resistor (R1and R2) values are dependant upon the selected value of RSH.
Note 3:
Capacitor (C9) to be positioned as close to Supply Pins (V
DD & VSS) of IC-1,
as possible.
Note 4:
Capacitor (C11) selected to minimize phase error introduced by current
transformer (typically 1.5µF).
ORDERING INFORMATION
Part Number
Package
SA9602HPA
DIP-20
SA9602HSA
SOIC-20
SA9602HPA
DIP-14
Note:
When ordering, the Package Option must be specified along with the Part
Number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com