Electronic Components Datasheet Search
  English  ▼

X  

SA9602MSA Datasheet(PDF) 12 Page - Sames

Part # SA9602MSA
Description  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602MSA Datasheet(HTML) 12 Page - Sames

Back Button SA9602MSA Datasheet HTML 8Page - Sames SA9602MSA Datasheet HTML 9Page - Sames SA9602MSA Datasheet HTML 10Page - Sames SA9602MSA Datasheet HTML 11Page - Sames SA9602MSA Datasheet HTML 12Page - Sames SA9602MSA Datasheet HTML 13Page - Sames SA9602MSA Datasheet HTML 14Page - Sames SA9602MSA Datasheet HTML 15Page - Sames SA9602MSA Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SA9602M
12/16
sames
RS H
Figure 1: Application Circuit see
specification for details.
Specifications:
Shunt resistor for current sensing.
Rated conditions 230V/80A.
Bidirectional metering.
Motor step of 1Wh/pulse.
Bipolar Motor.
37ms Motor pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com