Electronic Components Datasheet Search
  English  ▼

X  

SA9604A Datasheet(PDF) 11 Page - Sames

Part # SA9604A
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604A Datasheet(HTML) 11 Page - Sames

Back Button SA9604A Datasheet HTML 7Page - Sames SA9604A Datasheet HTML 8Page - Sames SA9604A Datasheet HTML 9Page - Sames SA9604A Datasheet HTML 10Page - Sames SA9604A Datasheet HTML 11Page - Sames SA9604A Datasheet HTML 12Page - Sames SA9604A Datasheet HTML 13Page - Sames SA9604A Datasheet HTML 14Page - Sames SA9604A Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
dr-01464
Phas e 1
F
An y s e quenc e of 24 puls e’s is equal to 1 m e as urem en t cy c le
1m S
+5 V
0 V ( Vss)
Phas e 2
Phas e 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com