Electronic Components Datasheet Search
  English  ▼

X  

SA9607P Datasheet(PDF) 11 Page - Sames

Part # SA9607P
Description  Programmable Single Phase Energy Metering IC with Tamper Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9607P Datasheet(HTML) 11 Page - Sames

Back Button SA9607P Datasheet HTML 4Page - Sames SA9607P Datasheet HTML 5Page - Sames SA9607P Datasheet HTML 6Page - Sames SA9607P Datasheet HTML 7Page - Sames SA9607P Datasheet HTML 8Page - Sames SA9607P Datasheet HTML 9Page - Sames SA9607P Datasheet HTML 10Page - Sames SA9607P Datasheet HTML 11Page - Sames SA9607P Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SA9607P
http://www.sames.co.za.
11/12
Note 1:
Resistor (R1, R2, R3 and R4) values are dependant upon the selected value of R10 and R11.
Note 2:
See TYPICAL APPLICATION when selecting the value of R10 and R11.
Note 3:
Capacitor (C6) to be positioned as closed to Supply Pins (V
DD & VSS) of IC-1, as possible.
Note 4:
Capacitor (C3) selected to minimize phase error introduced by current transformer (typically 1.5µF for normal CTs.)
Parts List for Application Circuit: Figure 7
Item
Symbol
Description
Detail
1
IC1
SA9607P
DIP-20/SOIC-20
2
IC2
AT24C01, or eqivalent device
3
D1
Diode, Silicon 1N4007
4
D2
Diode, Silicon 1N4007
5
D3
Diode, Silicon 1N4007
6
D4
Diode, Silicon 1N4007
7
D5
Light emmitting diode, Red
8
D6
Light emmitting diode, Green
9
D7
Light emmitting diode, Amber
10
D8
Light emmitting diode, Green
11
XTAL
Crystal, 3.5759MHz
12
R1
Resistor, 1/4W, 1%, metal
Note 1
13
R2
Resistor, 1/4W, 1%, metal
Note 1
14
R3
Resistor, 1/4W, 1%, metal
Note 1
15
R4
Resistor, 1/4W, 1%, metal
Note 1
16
R5
Resistor, 1M, 1/4W, 1%, metal
17
R6
Resistor, 24k, 1/4W, 1%, metal
18
R7
Resistor, 22k, 1/4W, 1%, metal
19
R8
Resistor, 180k, 1/4W, 1%, metal
20
R9
Resistor, 200k, 1/4W, 1%, metal
21
R10
Resistor, 1/4W, 1%, metal
Note 2
22
R11
Resistor, 1/4W, 1%, metal
Note 2
23
R12
Resistor, 10
Ω, 2W, Wire wound
24
R13
Resistor, 1k, 1/4W, 1%, metal
25
R14
Resistor, 1k, 1/4W, 1%, metal
26
R15
Resistor, 1k, 1/4W, 5%, carbon
27
R16
Resistor, 1k, 1/4W, 5%, carbon
28
R17
Resistor, 1k, 1/4W, 5%, carbon
29
R18
Resistor, 1k, 1/4W, 5%, carbon
30
C1
Capacitor, 2200µF, 16V, electrolytic
31
C2
Capacitor, 100µF, 16V, electrolytic
32
C3
Capacitor
Note 4
33
C4
Capacitor, 220nF
34
C5
Capacitor, 220nF
35
C6
Capacitor, 820nF
Note 3
36
CT1
Current Transformer
37
CT2
Current Transformer
38
TX
Transformer, 230V/9V
39
IC3
78LC05, Voltage regulator
40
M1
Bipolar step motor
41
M0V
400V, Metal oxide varistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com