Electronic Components Datasheet Search
  English  ▼

X  

910513 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 910513
Description  10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 13 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

910513 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  910513 Datasheet HTML 1Page - Molex Electronics Ltd. 910513 Datasheet HTML 2Page - Molex Electronics Ltd. 910513 Datasheet HTML 3Page - Molex Electronics Ltd. 910513 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0399100113
Status:
Active
Description:
10.16mm (.400") Beau™ Eurostyle™, Fixed Mount PCB Terminal Block, High Voltage,
High Power 60A, 13 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39910
Application
Wire-to-Board
Component Type
One Piece
Product Literature Order No
USA-199
Product Name
Eurostyle™Fixed Mount
Type
Euro Block
Physical
Circuits (Loaded)
13
Circuits (maximum)
13
Color - Resin
Black
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Brass, Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.160 In
PC Tail Length (mm)
4.10 mm
PCB Retention
None
Panel Mount
No
Pitch - Mating Interface (in)
0.400 In
Pitch - Mating Interface (mm)
10.16 mm
Pitch - Term. Interface (in)
0.400 In
Pitch - Term. Interface (mm)
10.16 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
130°C
Termination Interface: Style
Through Hole
Wire Size AWG
10, 12, 14, 16, 18, 6, 8
Wire Size mm²
0.75 - 10.0
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39910Series
Mates With
N/A


Similar Part No. - 910513

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
910513 MOLEX11-910513 Datasheet
41Kb / 2P
10.16mm Beau Eurostyle
More results

Similar Description - 910513

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0399100104 MOLEX5-0399100104 Datasheet
177Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 4 Circuits
0399100102 MOLEX5-0399100102 Datasheet
181Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 2 Circuits
0399700109 MOLEX5-0399700109 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 9 Circuits
0399100114 MOLEX5-0399100114 Datasheet
181Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 14 Circuits
0399100105 MOLEX5-0399100105 Datasheet
181Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 5 Circuits
0399100110 MOLEX5-0399100110 Datasheet
181Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 10 Circuits
0399100112 MOLEX5-0399100112 Datasheet
177Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 12 Circuits
0399100106 MOLEX5-0399100106 Datasheet
181Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 6 Circuits
0399100108 MOLEX5-0399100108 Datasheet
181Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 8 Circuits
0399100103 MOLEX5-0399100103 Datasheet
177Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 3 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com