Electronic Components Datasheet Search
  English  ▼

X  

RN5VD09AC Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # RN5VD09AC
Description  VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VD09AC Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button RN5VD09AC Datasheet HTML 17Page - RICOH electronics devices division RN5VD09AC Datasheet HTML 18Page - RICOH electronics devices division RN5VD09AC Datasheet HTML 19Page - RICOH electronics devices division RN5VD09AC Datasheet HTML 20Page - RICOH electronics devices division RN5VD09AC Datasheet HTML 21Page - RICOH electronics devices division RN5VD09AC Datasheet HTML 22Page - RICOH electronics devices division RN5VD09AC Datasheet HTML 23Page - RICOH electronics devices division RN5VD09AC Datasheet HTML 24Page - RICOH electronics devices division RN5VD09AC Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
RN5VD
20
3) Output Voltage vs. Input Voltage
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1.0
RN5VD09A
Input Voltage VIN(V)
25˚C
–30˚C
Topt=80˚C
VDD Pull-up
470k
Ω
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
RN5VD09A
Input Voltage VIN(V)
Topt=80˚C
25˚C
–30˚C
5V Pull-up
470k
Ω
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
RN5VD27A
Input Voltage VIN(V)
Topt= –30˚C
25˚C
80˚C
VDD Pull-up
470k
Ω
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
RN5VD27A
Input Voltage VIN(V)
25˚C
Topt=–30˚C
80˚C
5V Pull-up
470k
Ω
–40
–20
0
20
40
60
80
4.4
4.5
4.6
4.7
4.8
4.9
RN5VD45
×
Temperature Topt(˚C)
+VDET
–VDET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com