Electronic Components Datasheet Search
  English  ▼

X  

950503 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 950503
Description  8.00mm (.315") Pitch Beau??Eurostyle??Fixed Mount, High Voltage PCB Terminal Block, Vertical, 3 Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

950503 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  950503 Datasheet HTML 1Page - Molex Electronics Ltd. 950503 Datasheet HTML 2Page - Molex Electronics Ltd. 950503 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
mm
in
mm
in
03
24.8
0.98
16.00
0.630
399500103
399540103
399520103
399590007
1
2
04
32.8
1.29
24.00
0.945
399500104
399540104
399520104
2
2
05
40.8
1.61
32.00
1.260
399500105
399540105
399520105
2
3
06
48.8
1.92
40.00
1.575
399500106
399540106
399520106
3
3
07
56.8
2.24
48.00
1.890
399500107
399540107
399520107
3
4
08
64.8
2.55
56.00
2.205
399500108
399540108
399520108
4
4
09
72.8
2.87
64.00
2.520
399500109
399540109
399520109
4
5
10
80.8
3.18
72.00
2.835
399500110
399540110
399520110
5
5
11
88.8
3.50
80.00
3.150
399500111
399540111
399520111
5
6
12
96.8
3.81
88.00
3.465
399500112
399540112
399520112
6
6
13
104.8
4.13
96.00
3.780
399500113
399540113
399520113
6
7
14
112.8
4.44
104.00
4.094
399500114
399540114
399520114
7
7
15
120.8
4.76
112.00
4.409
399500115
399540115
399520115
7
8
16
128.8
5.07
120.00
4.724
399500116
399540116
399520116
8
8
FRONT
TERMINAL
QTY.
REAR
TERMINAL
QTY.
MATERIAL NO.
WITH CAGES
CLOSED
(SEE NOTE 10)
ASSEMBLY
MATERIAL NO.
(-10A OPT)
NO. OF
CIRCUITS
ASSEMBLY
MATERIAL NO.
(-49 OPT)
ASSEMBLY
MATERIAL NO.
(STANDARD)
DIM. "A"
DIM. "B"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com