Electronic Components Datasheet Search
  English  ▼

X  

KA2163 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KA2163
Description  I2C BUS NTSC 1 CHIP FOR COLOR TV
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2163 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KA2163 Datasheet HTML 9Page - Samsung semiconductor KA2163 Datasheet HTML 10Page - Samsung semiconductor KA2163 Datasheet HTML 11Page - Samsung semiconductor KA2163 Datasheet HTML 12Page - Samsung semiconductor KA2163 Datasheet HTML 13Page - Samsung semiconductor KA2163 Datasheet HTML 14Page - Samsung semiconductor KA2163 Datasheet HTML 15Page - Samsung semiconductor KA2163 Datasheet HTML 16Page - Samsung semiconductor KA2163 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
KA2163
I2C BUS NTSC 1 CHIP IC FOR COLOR TV
13
M/M-97-D008
97-05-20
I2C BUS CONTROLLED FORMAT SUMMARY
Bus controlled format of KA2163B is based on I2C Bus Control format of Philips.
Data Transfer Format
MSB
MSB
S : Start Condition
P : Stop Condition
A : Acknowledge
(1) Start and Stop Condition
(2) Bit Transfer
(3) Acknowledge
(4) Slave Address
Purchase of SAMSUNG I2C components conveys a license under the Philips Iicense under the Philips I2C Patent
Rights
to use these components in an I2C system, provided that the system conforms to the I2C Standard
Specification as defined by Philips.
S
Slave address
0
A
Sub address
A
Data
A
P
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
1
0
0
0
7 bit
8 bit
8 bit
High lmpedance
from Master
SDA
from Slave
SDA
from Master
SCL
High lmpedance
1
8
9
P
S
Stop Condition
Start Condition
SDA cannot change.
SDA can change.
SDA
SCL
SDA
SCL
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com