Electronic Components Datasheet Search
  English  ▼

X  

KA2181 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KA2181
Description  REMOTE CONTROL PREAMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2181 Datasheet(HTML) 3 Page - Samsung semiconductor

  KA2181 Datasheet HTML 1Page - Samsung semiconductor KA2181 Datasheet HTML 2Page - Samsung semiconductor KA2181 Datasheet HTML 3Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KA2181
REMOTE CONTROL PREAMPLIFIER
TYPICAL APPLICATION CIRCUITS
TEST CIRCUITS
Fig. 2
Fig. 3
KA2181
L . . . 5mH
C . . . 3300pF
R . . . 100K
Ω
7
6
5
4
3
2
1
8
51
Ω
VIN
10
µF
+
+
+
22
Ω
10
µF
OUT
100K
Ω
100
µF
+
VCC=8.5V
4.7
µF
C
VOUT
L
R
VCC
Out
3
4
8
+
+
1
7
AMP
+
47
µF
6
0.033
µF
5
ABLC
BIAS
PIN-Photo
Diode
22
Ω
100K
Ω
150K
Ω
10
µF
L
3300pF
1K
Ω
10
µF
+
47
µF
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com