Electronic Components Datasheet Search
  English  ▼

X  

KA2197 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KA2197
Description  RGB ENCODER FOR NTSC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2197 Datasheet(HTML) 5 Page - Samsung semiconductor

  KA2197 Datasheet HTML 1Page - Samsung semiconductor KA2197 Datasheet HTML 2Page - Samsung semiconductor KA2197 Datasheet HTML 3Page - Samsung semiconductor KA2197 Datasheet HTML 4Page - Samsung semiconductor KA2197 Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KA2197D
RGB ENCODER FOR NTSC
APPLICATION CIRCUIT
** only using external fsc input
KA2197D
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
7
9
10
11
12
0.1
µF
0.1
µF 0.1µF
0.1
µF
n.c
10
µF
n.c
+
+
10
µF
n.c
75
AUDIO
OUT
C. SYNC
IN
AUDIO
IN
B
IN
G
IN
R
IN
+
75
Ω
75
Ω
75
Ω
75
Ω
470
µF 470µF 470µF 470µF
+
+
+
n.c
n.c
n.c
10
µF
470
µF
470
µF
+
+
C OUT
Y OUT
+
0.01
µF
100
µF
Vcc(5V)
+
75
Ω
75
Ω
R
OUT
G
OUT
B
OUT
composite
video OUT
6
8
400 ~ 100mVp-p
fsc in
4.43MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com