Electronic Components Datasheet Search
  English  ▼

X  

KA22136 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KA22136
Description  DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA22136 Datasheet(HTML) 3 Page - Samsung semiconductor

  KA22136 Datasheet HTML 1Page - Samsung semiconductor KA22136 Datasheet HTML 2Page - Samsung semiconductor KA22136 Datasheet HTML 3Page - Samsung semiconductor KA22136 Datasheet HTML 4Page - Samsung semiconductor KA22136 Datasheet HTML 5Page - Samsung semiconductor KA22136 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
'8$/ý35(ð32:(5ý$03ý:,7+ý92/80(ý&21752//(5
.$ëëìêçî'
ê
(/(&75,&$/ý&+$5$&7(5,67,&6
õ7Dý ýëèq&ñý9&&ý ýê9ñýXQOHVVýRWKHUZLVHýVSHFLILHGô
35(ý$03/,),(5ý6(&7,21ý
õ9&&ý ýê9ñýIý ýìN+]ñý5/ìý ýìíN:ñýXQOHVVýRWKHUZLVHýVSHFLILHGô
32:(5ý$03/,),(5ý6(&7,21
õ7Dý ýëèq&ñý9&&ý ýê9ñýXQOHVVýRWKHUZLVHýVSHFLILHGôý
&KDUDFWHULVWLF
6\PERO
7HVWý&RQGLWLRQV
0LQï
7\Sï
0D[ï
8QLW
ý4XLHVFHQWý&LUFXLWý&XUUHQW
ýý,&&4
ý9&&ý ýê9ñý9,ý ýíñýý,0ý ýí
ð
ìå
ëè
P$
&KDUDFWHULVWLF
6\PERO
7HVWý&RQGLWLRQV
0LQï
7\Sï
0D[ï
8QLW
ý2SHQý/RRSý9ROWDJHý*DLQ
ýý*92
92ý ýðìíG%Pñý5/ý ýfð
æí
ð
G%
ý&ORVHGý/RRSý9ROWDJHý*DLQ
ýý*9&ì
ý92ý ýðìíG%P
éí
éë
éé
G%
ý2XWSXWý9ROWDJH
ýý92
ý7+'ý ýìø
íïéè
íïç
ð
9
ý7RWDOý+DUPRQLFý'LVWRUWLRQ
ýý7+'
ý92ý ýíïë9
ð
íïíè
íïè
ø
ý2XWSXWý1RLVHý9ROWDJH
ýý912ì
ý9Lý ýíñý5Jý ýëïëN:ñ
%3)õêíýaýëíN+]ô
ð
ìèí
êíí
P9
ý,QSXWý5HVLVWDQFH
ýý5,
92ý ýìíG%P
ìå
ëë
ð
N:
ý&URVVý7DON
&7ì
ý5*ý ýëïëN:ñý92ý ýðìíG%P
êí
ðð
ýýG%
ý2XWSXWý9ROWDJHý,Qý3UHý2))
ý92ýõ2))ô
ý9,ý ýìííP9
3UHý2))ýõSLQýëëôý ý9&&
ðð
ðèí
G%
&KDUDFWHULVWLF
6\PERO
7HVWý&RQGLWLRQV
0LQï 7\Sï 0D[ï 8QLW
ý&ORVHGý/RRSý9ROWDJHý*DLQ
ýý*9&ë 32ý ýèP:
ëç
ëå
êí
G%
ý9ROWDJHý*DLQý'LIIHUHQFH
ýý'*9 9&217ý ý0D[
ð
íê
G%
ý2XWSXWý3RZHUýì
32ì
7+'ý ýìíøñý5/ý ýêë:ýëí
ëå
ð
P:
ý2XWSXWý3RZHUýë
ýý32ë
7+'ý ýìíøñý5/ý ýìç:ýêí
ðð
P:
ý7RWDOý+DUPRQLFý'LVWRUWLRQ
ýý7+'ë 32ý ýèP:
ð
íïë
ëïí
ø
ý3UHòý3RZHUý2XWSXWý1RLVHý9ROWDJH
ýý912ë, 9,ý ýíñý5*ý ýëïëN:ñý9&217ý ý0D[
ð
çìí
P9
ý2XWSXWý1RLVHý9ROWDJH
912ê, 5*ý ýëïëýN:ñý9&217ý ý0LQ
ð
íïëè
ìïí
P9
&URVVý7DON
&7ë
5Rý ýèP:
ëí
êí
ð
G%
ý5LSSOHý5HMHFWLRQý5DWLR
55
9&&ý ýê9ñýìíí+]ñýìííP9SðS
êé
éí
ð
G%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com