Electronic Components Datasheet Search
  English  ▼

X  

0395332007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0395332007
Description  5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 7 Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395332007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0395332007 Datasheet HTML 1Page - Molex Electronics Ltd. 0395332007 Datasheet HTML 2Page - Molex Electronics Ltd. 0395332007 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0395332007
Status:
Active
Description:
5.08mm (.200") Pitch Eurostyle™ Vertical Plug, Rear Wire Entry, 7 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39533
Application
Wire-to-Board
Comments
Rear Wire Entry
Component Type
Plug
Product Literature Order No
USA-355
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
7
Entry Angle
Horizontal
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.200 In
PC Tail Length (mm)
5.08 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.200 In
Pitch - Mating Interface (mm)
5.08 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.13 - 3.31
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39533-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39533Series
Mates With
39531 Vertical PCB Header, 39532
Horizontal PCB Header, Most 5.08mm
(.200") Pitch Industry Standard PCB
Headers, 39538 Dual Level Header, Open
Ends
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0395332007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395332002 MOLEX5-0395332002 Datasheet
223Kb / 5P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 2 Circuits
0395332003 MOLEX5-0395332003 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 3 Circuits
0395332004 MOLEX5-0395332004 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 4 Circuits
0395332005 MOLEX5-0395332005 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 5 Circuits
0395332006 MOLEX5-0395332006 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 6 Circuits
More results

Similar Description - 0395332007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395332006 MOLEX5-0395332006 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 6 Circuits
0395332002 MOLEX5-0395332002 Datasheet
223Kb / 5P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 2 Circuits
0395332005 MOLEX5-0395332005 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 5 Circuits
0395332003 MOLEX5-0395332003 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 3 Circuits
0395332010 MOLEX5-0395332010 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 10 Circuits
0395332008 MOLEX5-0395332008 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 8 Circuits
0395332004 MOLEX5-0395332004 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 4 Circuits
0395333007 MOLEX5-0395333007 Datasheet
139Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 7 Circuits
0395332012 MOLEX5-0395332012 Datasheet
138Kb / 3P
5.08mm (.200") Pitch Eurostyle??Vertical Plug, Rear Wire Entry, 12 Circuits
39503-2007 MOLEX11-39503-2007 Datasheet
42Kb / 1P
3.50mm Pitch Eurostyle Vertical Plug, Rear Wire Entry, 7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com