Electronic Components Datasheet Search
  English  ▼

X  

KA2284 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KA2284
Description  5 DOT LED LEVEL METER DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2284 Datasheet(HTML) 3 Page - Samsung semiconductor

  KA2284 Datasheet HTML 1Page - Samsung semiconductor KA2284 Datasheet HTML 2Page - Samsung semiconductor KA2284 Datasheet HTML 3Page - Samsung semiconductor KA2284 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
èý'27ý/('ý/(9(/ý0(7(5ý'5,9(5
.$ëëåéîåè%
ê
(/(&75,&$/ý&+$5$&7(5,67,&6
õ7Dý ýëèq&ñý9&&ý ýç9ñýIý ýìN+]ñýXQOHVVýRWKHUZLVHýVSHFLILHGô
127(ãý'HILQLWLRQýRIýíG%ãýLQSXWýYROWDJHýOHYHOýZKHQý9&/ýõ21ôêýWXUQý21ýõèíP9ô
7(67ý&,5&8,7
ý)LJXUHýýëïý
&KDUDFWHULVWLF
6\PERO
7HVWý&RQGLWLRQV
0LQï
7\Sï
0D[ï
8QLW
&LUFXLWý&XUUHQW
,&&4
9Lý ýí9
ð
çåïè
P$
'ý2XWSXWý&XUUHQW
.$ëëåé%
,2
9Lý ýíïìè9
ìì
ìè
ìåïè
P$
.$ëëåè%
è
æ
äïè
,QSXWý%LDVý&XUUHQW
,%,$6
ððì
ð
í
P$
$PSý*DLQ
*9
9,ý ýíïìý9
ëé
ëç
ëå
G%
9&/õ21ôì
ðìë
ðìí
ðå
9&/õ21ôë
ðç
ðè
ðé
&RPSDUDWRUý21ý/HYHO
9&/ýõ21ô
9&/õ21ôê
ðð
í
ð
G%
9&/õ21ôé
ëïèêêïè
9&/õ21ôè
èç
æ
'ì
ìíP)îìç9
ìíN:












'ë
'ê
'é
'è
ìíN:
ëïëP )îìç9
,1387
&ì
5
9FF
&ë
&ëýãý$&ýLQñýëïëP)ýLVýXVHGï
ýýýýýýý'&ýLQñýëïëP)ýLVýVKRUWHGï



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com