Electronic Components Datasheet Search
  English  ▼

X  

KA2402 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA2402
Description  DC MOTOR SPEED CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2402 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA2402 Datasheet HTML 1Page - Samsung semiconductor KA2402 Datasheet HTML 2Page - Samsung semiconductor KA2402 Datasheet HTML 3Page - Samsung semiconductor KA2402 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KA2402
DC MOTOR SPEED CONTROLLER
ABSOLUTE MAXIMUM RATINGS (Ta = 25
Î
Î)
RECOMMENDED OPERATING CONDITIONS (Ta = 25
Î
Î)
ELECTRICAL CHARACTERISTICS (Ta = 25
Î
Î)
Characteristic
Symbol
Value
Unit
Maximum Supply Voltage
Maximum Motor Current
Power Dissipation
Operating Temperature
Storage Temperature
VCC
IM (MAX)
PD
TOPR
TSTG
10
700
600
-20 ~ +80
-40 ~ +125
V
mA
mW
Î
Î
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
1.8 ~ 8
V
Recommended Operating Temperature
TOPR
-20 ~ 60
Î
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
VCC = 3V, lM = 100mA
0.18
0.2
0.22
V
Circuit Current
ICC
VCC = 3V, lM = 100mA
2.4
6.0
mA
Current Coefficient
K
VCC = 3V, IM = 50mA
IM = 100mA
45
50
55
Saturation Voltage
VSAT
VCC = 3V, IM = l00mA
0.13
0.3
V
Voltage Characteristic of
Reference Voltage
çVREF
VREF
IM = 100mA,
VCC = 1.8 ~ 8V (KA2402)
1.8 ~ 4.5V (KA2402D)
0.1
%/V
Voltage Characteristic of
Current Coefficient
çK
K
IM = 50, 150mA
Vcc=1.8 ~ 8V (KA2402)
1.8 ~ 4.5V (KA2402D)
0.3
%/mA
Voltage Characteristic of
Reference Voltage
çVREF
VREF
IM = 3V
IM =20 ~ 200mA
0.005
%/mA
Current Characteristic of
Current Coefficient
çK
K
VCC = 3V,lM = 20, 50mA
-170, 200mA
-0.07
%/mA
Temperature Characteristic of
Reference Voltage
VCC = 3V, IM = 100mA
Ta = - 20 ~ + 80
Î
-0.008
%/
Î
Temperature Characteristic of
Current Coefficient
çK
K
VCC = 3V, IM = 50m, 150mA
Ta = - 20 ~ + 80
Î
0.02
%/
Î
çVREF
VREF
/
çIm
/
çVREF
/
çIm
/
çVCC
/
çTa
/
çTa



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com