Electronic Components Datasheet Search
  English  ▼

X  

KA7307D Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KA7307D
Description  GENERAL DESCRIPTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA7307D Datasheet(HTML) 8 Page - Samsung semiconductor

  KA7307D Datasheet HTML 1Page - Samsung semiconductor KA7307D Datasheet HTML 2Page - Samsung semiconductor KA7307D Datasheet HTML 3Page - Samsung semiconductor KA7307D Datasheet HTML 4Page - Samsung semiconductor KA7307D Datasheet HTML 5Page - Samsung semiconductor KA7307D Datasheet HTML 6Page - Samsung semiconductor KA7307D Datasheet HTML 7Page - Samsung semiconductor KA7307D Datasheet HTML 8Page - Samsung semiconductor KA7307D Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Preliminary
KA7307D
CDS/AGC
8
VID-97-D002
February 1997
APPLICATION CIRCUIT
PACKAGE DIMENSION
Video Out
TIMMING
GENERATOR
KS7213
DCP
KS7306
MICOM
BUF & CLAMP
10 bit
D / A
IRIS DET.
10 bit
D / A
0.1 uF
5.0 V
DL
CCD
I. C
0 ~ 5 V
0.1 uF
0.1 uF
0.1 uF
5.0 V
0.1uF
PG IN
DATA IN
AVCC
AGC CONT
IRIS CON
IRIS CAP
IRIS OUT
AGC CAP
AGC OUT
AGND
KA7307D
20
19
18
17
16
15
14
13
12
11
DGND1
XSHP
XSHD
DVCC
CLP4
CLP1
PBLK
WND
XRS
DGND2
9
8
7
6
5
2
10
1
3
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com