Electronic Components Datasheet Search
  English  ▼

X  

KA8516 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KA8516
Description  FM IF RECEIVER FOR FLEX PAGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA8516 Datasheet(HTML) 3 Page - Samsung semiconductor

  KA8516 Datasheet HTML 1Page - Samsung semiconductor KA8516 Datasheet HTML 2Page - Samsung semiconductor KA8516 Datasheet HTML 3Page - Samsung semiconductor KA8516 Datasheet HTML 4Page - Samsung semiconductor KA8516 Datasheet HTML 5Page - Samsung semiconductor KA8516 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
)0ý,)ý5(&(,9(5ý)25ý)/(;ý3$*(5
.$åèìç
ê
3,1ý'(6&5,37,21
3LQý1R
6\PERO
'HVFULSWLRQ
ì
26&,
2VFLOODWRUýLQSXWýõ%DVHôïý7KHýRVFLOODWRUýLVýDQýLQWHUQDOO\ðELDVHGýFROSLWWVýW\SHï
ë
26&2
2VFLOODWRUýRXWSXWýõ(PLWWHUôï
ê
02
0L[HUýRXWSXWïý2XWSXWýLPSHGDQFHý|ýìïëN:ýï
&RQQHFWýDýéèèN+]ýILOWHUýEHWZHHQýWKLVýSLQýDQGýWKHý/,ï
é9&&ì
3RZHUýVXSSO\ýYROWDJHýõ0DLQýSRZHUôï
è
/,
,)ýOLPLWHUýDPSOLILHUýLQSXWïýý,QSXWýLPSHGDQFHý|ýìïëN:
ç
/'
%\SDVVýFDSDFLWRUýFRQQHFWýSLQýIRUýWKHý,)ýOLPLWHUýDPSï
æ
)6.5ì
'LIIHUHQWLDOý$PSý5HIHUHQFHýLQSXWýRQýWKHý)6.ýFRPSDUDWRUï
å
4'
4XDGUDWXUHýGHWHFWLRQñýSKDVHýVKLIWHUýSLQï
ä
ìí
ìì
&ì
&ë
&ê
&DSDFLWRUVýIRUýELWðUDWHýILOWHUï
ìë
),/ý9$5
%LWðUDWHýILOWHUýVHOHFWLRQï
+LJKãý,QWHUQDOýFXWðRIIýIUHTXHQF\ýZLOOýEHýVHWýWRý/RZï
/RZýãý,QWHUQDOýFXWðýRIIýIUHTXHQF\ýZLOOýEHýVHWýWRý+LJKï
ìê
566,
566,ýRXWSXW
7KHýSRZHUýRIýUHFHLYHGý5)ýVLJQDOýFDQýEHýGHWHFWHGýE\ýPRQLWRULQJýWKHýOLPLWHUýDPSOLILHUï
ìé
9&&ë
3RZHUýVXSSO\ýYROWDJHïý7KLVýSRZHUýVXSSO\ýWRýWKHý/HYHOýVKLIWýFLUFXLWU\ï
ìèñ
$'&
7KLVýSLQýVKRZVý'&ýOHYHOýRIýUHFRYHUHGýDXGLRýVLJQDOýRXWSXWï
ìç
5$2
5HFRYHUHGýDXGLRýVLJQDOýRXWSXWï
ìæ
%6&
%DWWHU\ýVDYLQJýFRQWUROï
+LJKãý%DWWHU\ýVDYLQJýRIIñýQRUPDOýPRGHýRSHUDWLRQï
/RZýãý%DWWHU\ýVDYLQJýRQñýEDWWHU\ýVDYHýPRGHýRSHUDWLRQï
ìå
4&
4XLFNýFKDUJHýFRQWUROï
+LJKãý4XLFNýFKDUJHðGLVFKDUJHýRQï
/RZýãý4XLFNýFKDUJHðGLVFKDUJHýRIIï
ìä
)6.2
)6.ýVLJQDOýRXWSXWï
ëí
$2
$ODUPýRXWSXWï
7KLVýSLQýEHFRPHVý+LJKýýZKHQý9&&ìýGURSVýEHORZýìïíè9ï
ëì
5(*&
.$åèìçýKDVýDQýLQWHUQDOý313ýWUDQVLVWRUïý
%XWñýLWýDOVRýFDQýVXSSRUWýDQýH[WHUQDOý313ýWUDQVLVWRUýWRýFRQWUROýWKHýSRZHUï
ëë
5(*2
5HJXODWHGýYROWDJHýRXWSXWï
ëê
*1'
*URXQGï
ëé
0,
0L[HUýLQSXWïýý,QSXWýLPSHGDQFHý|ýèN:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com