Electronic Components Datasheet Search
  English  ▼

X  

KA8601C Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KA8601C
Description  SPEAKER PHONE WITH SPEECH NETWORK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA8601C Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KA8601C Datasheet HTML 2Page - Samsung semiconductor KA8601C Datasheet HTML 3Page - Samsung semiconductor KA8601C Datasheet HTML 4Page - Samsung semiconductor KA8601C Datasheet HTML 5Page - Samsung semiconductor KA8601C Datasheet HTML 6Page - Samsung semiconductor KA8601C Datasheet HTML 7Page - Samsung semiconductor KA8601C Datasheet HTML 8Page - Samsung semiconductor KA8601C Datasheet HTML 9Page - Samsung semiconductor KA8601C Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
KA8601C
SPEAKER PHONE WITH SPEECH NETWORK
2.
VOLUME CONTROL
The volume control can only be applied in the receive mode. If the voltage of the VC mode is the same as the VB, the
receive attenuator gain is maximized and the transmit gain is minimized. At the same time, if the VC mode voltage is
less than the VB, the receive attenuator gain is reduced.
Fig. 5
3.
VOICE DETECTION FUNCTION
The voice detection function compares the microphone amplifier output level with the outside audio amplifier level
and the transmit attenuator output level with the receive attenuator input level, after which they are inputted into the
control box. The block diagram of the voice detection function is as follows:
Fig. 6
It is useful to use a background noise monitor when high background noise occurs. When the input signals to the
background noise monitor are increased, voltage for the PDRX (PDTX) mode is stably increased. The increase time
is determined by 100K
Ω and 47µF.
4.
ATTENUATOR CONTROL BOX
In figure 6, each signal coming into the log amplifier is amplified and then inputted into the comparator (C1, C2). The
comparator compares the amplified signal levels, after which they are inputted into the attenuator control box. The
attenuator control box processes these signals (CO1, CO2, CO3, CO4) as logic signals, and which are put into one
of the following modes:
KA8601C
VB
VC
VOLUME
DETI
RX 1
DETI
TX 1
Log Amp
Log Amp
DETORX 1
DETOTX 1
Comparator
PDRX
Background
Noise Monitor
CO1
CO2
Attenuator Control Box
DETI TX
1
DETI
RX 1
Log Amp
Log Amp
DETOTX 1
DETOTX 1
Comparator
PDTX
CO4
CO3
A1
A2
C1
C2
A4
A3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com