Electronic Components Datasheet Search
  English  ▼

X  

KA9270 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA9270
Description  AUDIO FILTER INTRODUCTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA9270 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA9270 Datasheet HTML 1Page - Samsung semiconductor KA9270 Datasheet HTML 2Page - Samsung semiconductor KA9270 Datasheet HTML 3Page - Samsung semiconductor KA9270 Datasheet HTML 4Page - Samsung semiconductor KA9270 Datasheet HTML 5Page - Samsung semiconductor KA9270 Datasheet HTML 6Page - Samsung semiconductor KA9270 Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KA9270
AUDIO FILTER
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C, V
CC = 8V, f = 1KHz, RL = 10K
Ω, De-emphasis; off, Mute; off, S1 & S2; off, unless otherwise specified)
Note: De-emphasis input conditions: VO = 0dBm
De-emphasis off position
Characteristic
Symbol
Value
Unit
Supply Voltage
Power Dissipation
Operating Temperature
Storage Temperature
VCC
PD
TOPR
TSTG
16
550
-20 ~ + 75
-45 ~ + 150
V
µW
°C
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Circuit Current
ICC
VI = 0
1
4
6
mA
Maximum Output Voltage
VOM
THD = 1%
1.8
2.1
Vrms
f = 100Hz
0.01
0.05
f = 1KHz
0.01
0.05
Total Harmonic Distortion
THD
VO = 0dBm
f = 10KHz
0.05
0.1
%
f = 16KHz
0.1
0.2
f = 20KHz
0.1
0.2
f = 100Hz
-0.1
0
0.1
f = 1KHz
0
0
0
Frequency Characteristics
fv
VO = 6dBm
f = 10KHz
-0.5
0
0.5
dB
f = 16KHz
-1.0
0
1.0
f = 20KHz
-1.5
0
1.5
f = 100Hz
70
80
Cross Talk
CT
VO = 0dBm
f = 1KHz
65
75
dB
f = 10KHz
60
65
Signal to Noise Ratio
S/N
VO = 0dBm, RG = 600
Ω
20KHz LPF
73
80
dB
Channel Balance
CB
VO = 0dBm
-1.0
0
1.0
dB
Open Loop Gain
GVO
VI = 900mVrms
-2.6
-0.6
1.0
dB
Gain Adjusting Range
GVR
VI = 900mV, S1, S2; ON
4.5
6
dB
Mute Attenuation Ratio
ATTMUTE
VI = 900mV, Mute SW; ON
40
50
dB
f = 1KHz
-0.87
-0.37
0.13
De-emphasis
DEEMPH
De-emphasis: ON
f = 5KHz
-6.03
-4.53
-3.03
dB
f = 16KHz
-10.53
-9.03
-7.53



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com