Electronic Components Datasheet Search
  English  ▼

X  

KB8822 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KB8822
Description  FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8822 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KB8822 Datasheet HTML 3Page - Samsung semiconductor KB8822 Datasheet HTML 4Page - Samsung semiconductor KB8822 Datasheet HTML 5Page - Samsung semiconductor KB8822 Datasheet HTML 6Page - Samsung semiconductor KB8822 Datasheet HTML 7Page - Samsung semiconductor KB8822 Datasheet HTML 8Page - Samsung semiconductor KB8822 Datasheet HTML 9Page - Samsung semiconductor KB8822 Datasheet HTML 10Page - Samsung semiconductor KB8822 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
PRELIMINARY SPECIFICATION (V1.5)
FREQUENCY SYNTHESIZER
KB8821/22/23
7
99-06-15
ELECTRICAL CHARACTERISTICS(V
DD=3.0V, VP=3.0V, -40
οC≤T
a≤85
οC Unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Power Supply Voltage
VDD
2.7
3.0
4.0
V
VP
VDD
3.0
4.0
Power Supply
Current
KB8823 RF + IF
IDD
VDD=2.7V to 4.0V
5.5
mA
KB8823 RF Only
4.0
KB8822 RF + IF
4.5
KB8822 RF Only
3.0
KB8821 RF + IF
3.5
KB8821 RF Only
2.0
KB882x IF Only
1.5
Power down Current
IPWDN
VDD=3.0V
1.0
10
µA
Digital inputs : CLOCK, DATA and LE
High-Level Input Voltage
VIH
VDD=2.7V to 4.0V
0.7VDD
V
Low-Level Input Voltage
VIL
VDD=2.7V to 4.0V
0.3VDD
V
High-Level Input Current
IIH
VIH= VDD=4.0V
-1.0
+1.0
µA
Low-Level Input Current
IIL
VIL=0V, VDD=4.0V
-1.0
+1.0
µA
Reference Divider Input : OSCin
Input Current
IIHR
VIH= VDD=4.0V
+100
µA
IILR
VIL=0V, VDD=4.0V
-100
µA
Digital Output : foLD
High Level Output Voltage
VOH
Iout = -500
µA
VDD-0.4
V
Low Level Output Voltage
VOL
Iout = +500
µA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com