Electronic Components Datasheet Search
  English  ▼

X  

KC73129MP Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KC73129MP
Description  1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73129MP Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KC73129MP Datasheet HTML 5Page - Samsung semiconductor KC73129MP Datasheet HTML 6Page - Samsung semiconductor KC73129MP Datasheet HTML 7Page - Samsung semiconductor KC73129MP Datasheet HTML 8Page - Samsung semiconductor KC73129MP Datasheet HTML 9Page - Samsung semiconductor KC73129MP Datasheet HTML 10Page - Samsung semiconductor KC73129MP Datasheet HTML 11Page - Samsung semiconductor KC73129MP Datasheet HTML 12Page - Samsung semiconductor KC73129MP Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
KC73129MP
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
9
OPERATING CHARACTERISTICS
Device Temperature = 25
°C
NOTE: Test Temperature = 55
°C
TEST CONDITION
1. Use a light source with color temperature of 3,200K hallogen lamp and CM-500S for IR cut filter.
The light source is adjusted in accordance with the average value of Y signals indicated in each item.
2. Through the following tests the substrate voltage should be set to the value while the device condition
should be kept within the range of the bias and clock conditions.
Table 7. Operating Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Sensitivity
S
55
65
mV/lux
1
Saturation signal
YSAT
600
mV
2
Smear
SM
0.005
0.012
%
3
Blooming margin
BM
1,000
times
4
Uniformity
U
20
%
5
Dark signal (NOTE)
D
2
mV
6
Dark shading (NOTE)
∆D
2
mV
7
Image lag
YLAG
0.5
%
8
Flicker Y
FY
2
%
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com