Electronic Components Datasheet Search
  English  ▼

X  

KS7212 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KS7212
Description  TIMING & SYNC. GENERATOR FOR B/W CCD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS7212 Datasheet(HTML) 2 Page - Samsung semiconductor

  KS7212 Datasheet HTML 1Page - Samsung semiconductor KS7212 Datasheet HTML 2Page - Samsung semiconductor KS7212 Datasheet HTML 3Page - Samsung semiconductor KS7212 Datasheet HTML 4Page - Samsung semiconductor KS7212 Datasheet HTML 5Page - Samsung semiconductor KS7212 Datasheet HTML 6Page - Samsung semiconductor KS7212 Datasheet HTML 7Page - Samsung semiconductor KS7212 Datasheet HTML 8Page - Samsung semiconductor KS7212 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
KS7212
TIMING & SYNC. GENERATOR FOR B/W CCD
PIN DESCRIPTIONS
No
Symbol
I/O
Description
Remark
1
MD2
I
CCIR/EIA mode selection
* Information (1)
2
MD1
I
NORMAL/MIRROR mode selection
* Information (1)
3
EE1
I
EE mode control input 1
* Information (2)
4
EE2
I
EE mode control input 2
* Information (2)
5
VSS1
-
Ground
6
VDD1
-
+5V
7
FLD
O
Field separation pulse
8
PBLK
O
Pre - blanking pulse
9
CSYNC
O
Composite Sync.pulse
10
CBLK
O
Composite Blanking pulse
11
VD
O
Vertical driving pulse
12
HD
O
Horizontal driving pulse
13
WIN
O
Window pulse
14
CLEN
O
1/2 HD frequency pulse
15
DFDO
O
1/2 VD frequency pulse
16
CLP3
O
Clamp pulse 3 (Dummy black level)
17
CLP2
O
Clamp pulse 2 (Optical black level)
18
CLP1
O
Clamp pulse 1 (Optical black level)
19
VSS2
-
Ground
20
VDD2
-
+5V
21
SHD
O
Data Sample & Hold pulse
22
SHP
O
Pre - Charge Sample & Hold pulse
23
VSS3
-
Ground
24
XV4
O
Vertical transfer clock 4
25
XSG3
O
Read out Pulse 3
26
V3
O
Vertical transfer clock 3
27
XSG1
O
Read out Pulse 1
28
XV1
O
Vertical transfer clock 1
29
XV2
O
Vertical transfer clock 2
30
XSUB
O
Shutter speed control for auto Iris
31
VDD3
-
+5V
32
VSS4
-
Ground
33
ϕRG
O
Reset gate pulse
34
VDD4
-
+5V
35
ϕH2
O
Horizontal transfer pulse 2 ( Mirror mode)
36
ϕH1
O
Horizontal transfer pulse 1 ( Normal mode’H’)
37
ϕH3
O
Horizontal transfer pulse 3 ( Normal mode’H2’)
38
ϕH4
O
Horizontal transfer pulse 4 ( Mirror mode )
39
VSS5
-
Ground
40
X1
I
Oscillation clock Input EIA : 19,069928MIHz
CCIR : 18.93750MHz
41
X2
O
Oscillation clock Output
42
VDD5
O
+5V
43
CL
O
1/2 Oscillation clock EIA : 9.953496Mhz
CCIR : 9.46875MHz
44
VSS6
-
Ground
45
TS2
I
Test Input 2
46
TS1
I
Test Input 1
47
TS0
I
Test Input 0
48
PWR
-
Power On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com