Electronic Components Datasheet Search
  English  ▼

X  

KS7306 Datasheet(PDF) 39 Page - Samsung semiconductor

Part # KS7306
Description  DIGITAL CAMERA PROCESSOR
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS7306 Datasheet(HTML) 39 Page - Samsung semiconductor

Back Button KS7306 Datasheet HTML 35Page - Samsung semiconductor KS7306 Datasheet HTML 36Page - Samsung semiconductor KS7306 Datasheet HTML 37Page - Samsung semiconductor KS7306 Datasheet HTML 38Page - Samsung semiconductor KS7306 Datasheet HTML 39Page - Samsung semiconductor KS7306 Datasheet HTML 40Page - Samsung semiconductor KS7306 Datasheet HTML 41Page - Samsung semiconductor KS7306 Datasheet HTML 42Page - Samsung semiconductor KS7306 Datasheet HTML 43Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
KS7306
DIGITALCAMERA PROCESSOR
39
VID-97-D004
February 1997
66. ADDRESS 55
1) OYH_AE <5:0> : OPT_DETECT Y signal Upper Threshold value of AE mode
- DATA <7:0>
67. ADDRESS 56
1) OYL_AE <5:0> : OPT_DETECT Y signal Lower Threshold value of AE mode
- DATA <7:0>
- OYL_AE < Y < OYH_AE
68. ADDRESS 57
1) OYH_AWB <5:0> : OPT_DETECT Y signal Upper Threshold value of AWB mode
- DATA <5:0>
69. ADDRESS 58
1) OYL_AWB <5:0> : OPT_DETECT Y signal Lower Threshold value of AWB mode
- DATA <5:0>
70. ADDRESS 59
1) ORYTH <4:0> : OPT_DETECT R-Y signal Threshold value of AWB mode
- DATA <4:0>
71. ADDRESS 5A
1) OBYTH <4:0> : OPT_DETECT B-Y signal Threshold value of AWB mode
- DATA <4:0>
72. ADDRESS 5B
1) OHPF1EN: OPT_DETECT HPF1 Enable
- DATA <7>
- OHPF1EN =
″0″ : Enable
OHPF1EN =
″1″ : Disable
2) OAREA : OPT_DETECT AWB Area select
- DATA <7>
- OAREA =
″0″ : Narrow Area
OAREA =
″1″ : Full Area
3) ORBYTH <5:0> : OPT_DETECT (R-Y) + (B-Y) signal Threshold value of AWB mode
- DATA <5:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com