Electronic Components Datasheet Search
  English  ▼

X  

0472720003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0472720003
Description  0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, 0.76um (30u") Gold (Au) Plating, 20 Circuits, without Cover
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0472720003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0472720003 Datasheet HTML 1Page - Molex Electronics Ltd. 0472720003 Datasheet HTML 2Page - Molex Electronics Ltd. 0472720003 Datasheet HTML 3Page - Molex Electronics Ltd. 0472720003 Datasheet HTML 4Page - Molex Electronics Ltd. 0472720003 Datasheet HTML 5Page - Molex Electronics Ltd. 0472720003 Datasheet HTML 6Page - Molex Electronics Ltd. 0472720003 Datasheet HTML 7Page - Molex Electronics Ltd. 0472720003 Datasheet HTML 8Page - Molex Electronics Ltd. 0472720003 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0472720003
Status:
Active
Overview:
displayport
Description:
0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, 0.76µm (30µ")
Gold (Au) Plating, 20 Circuits, without Cover, Latch Holes, Flange or Mylar; with Peg
and Solder Tab of Shell, Leadfree
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E29179
General
Product Family
I/O Connectors
Series
47272
Application
Wire-to-Board
Comments
Through Hole Peg of Shell
Component Type
Receptacle
Overview
displayport
Product Name
DisplayPort*
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Flammability
94V-0
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Bismuth
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
Without Flange
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47272Series
Mates With
47271 Plug Sub-Assemblies, 68783 Cable
Series


Similar Part No. - 0472720003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472720001 MOLEX6-0472720001 Datasheet
766Kb / 10P
0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, 0.76關m (30關")Gold (Au) Plating, 20 Circuits, without Cover, Mylar or Flange; with Latch Holes, Peg and Solder Tab of Shell, Leadfree
0472720001 MOLEX1-0472720001 Datasheet
33Kb / 2P
0.50mm Pitch DisplayPort Receptacle, Right-Angle, Surface Mount, 0.76m Gold (Au) Plating
0472720001 MOLEX1-0472720001_18 Datasheet
33Kb / 2P
0.50mm Pitch DisplayPort Receptacle, Right-Angle, Surface Mount, 0.76m Gold (Au) Plating
0472720008 MOLEX6-0472720008 Datasheet
142Kb / 3P
0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, 0.76關m (30關") Gold (Au) Plating, 20 Circuits, with Peg and Solder Tabs of Shell, Leadfree
More results

Similar Description - 0472720003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0471511031 MOLEX6-0471511031 Datasheet
723Kb / 10P
0.50mm (.020") Pitch HDMI Receptacle, Right Angle, 0.76um (30u") Gold (Au) Plating, Front Solder Tab
0472720028 MOLEX6-0472720028 Datasheet
691Kb / 9P
0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, Gold (Au) Flash Plating, 20 Circuits
0472721004 MOLEX6-0472721004 Datasheet
691Kb / 9P
0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, 0.76um (30u") Gold (Au) Plating
0476238001 MOLEX6-0476238001 Datasheet
136Kb / 3P
0.50mm (.020") Pitch DisplayPort Sink Type Midplane Male Receptacle, Right Angle, SMT, 0.76um (30u")
0476230001 MOLEX6-0476230001 Datasheet
136Kb / 3P
0.50mm (.020") Pitch DisplayPort Sink Type Midplane Male Receptacle, Right Angle, SMT, 0.76um (30u")
0472720021 MOLEX6-0472720021 Datasheet
766Kb / 10P
0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, Gold (Au) Flash Plating, 20 Circuits
0472720025 MOLEX6-0472720025 Datasheet
766Kb / 10P
0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, 0.76um (30u") Gold (Au) Plating, 20 Circuits
1050190002 MOLEX11-1050190002 Datasheet
244Kb / 4P
0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, Reverse Type, 0.76um (30u") Gold
1050190001 MOLEX11-1050190001 Datasheet
244Kb / 4P
0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, Reverse Type, 0.76um (30u") Gold (Au)
1050206001 MOLEX11-1050206001 Datasheet
173Kb / 3P
0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, Through Hole, DIP Type, 0.76um (30u") Gold (Au)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com