Electronic Components Datasheet Search
  English  ▼

X  

2SA1493 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SA1493
Description  Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SA1493 Datasheet(HTML) 1 Page - Sanken electric

  2SA1493 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC3857)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–200
–200
–6
–15
–5
150(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
–100max
–100max
–200min
50min
∗
– 3.0max
20typ
400typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=–200V
VEB=–6V
IC=–50mA
VCE=–4V, IC=–5A
IC=–10A, IB=–1A
VCE=–12V, IE=0.5A
VCB=–10V, f=1MHz
2SA1493
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
Safe Operating Area (Single Pulse)
h FE– I C Temperature Characteristics (Typical)
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–5
–10
–15
–1
–2
–3
–4
Collector-Emitter Voltage V CE(V)
I B=–50mA
–100mA
–600mA
–1A
–400mA
–200mA
0
–3
–2
–1
0– 1
– 2
– 4
–3
Base Current I B(A)
I C=–15A
–10A
–5A
–0.02
–0.1
–1
–10
–0.5
–5
–15
10
100
50
300
Collector Current I C(A)
Typ
–2
–10
–100
–300
–0.1
–1
–0.5
–10
–50
–5
Collector-Emitter Voltage V CE(V)
3ms
Without Heatsink
Natural Cooling
DC
100ms
20ms
10ms
0.02
0.1
1
1 0
0
10
20
30
(V CE=–12V)
(V CE=–4V)
Emitter Current I E(A)
Typ
1
1 0
100
1000
2000
Time t(ms)
0.1
1
2
0.5
θj-a–t Characteristics
f T– I E Characteristics (Typical)
160
120
80
40
5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
0
–15
–10
–5
0– 2
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
(V CE=–4V)
–0.02
–0.1
–0.5
–1
–5
–10 –15
20
50
100
200
Collector Current I C(A)
125˚C
25˚C
–30˚C
VCC
(V)
–60
RL
(
Ω)
12
IC
(A)
–5
VBB2
(V)
5
IB2
(mA)
500
ton
(
µs)
0.3typ
tstg
(
µs)
0.9typ
tf
(
µs)
0.2typ
IB1
(mA)
–500
VBB1
(V)
–10
External Dimensions MT-200
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
2-ø3.2±0.1
36.4±0.3
9
24.4±0.2
0.65
+0.2
-0.1
3.0
+0.3
-0.1
6.0±0.2
2.1
a
b
C
Weight : Approx 18.4g
a. Part No.
b. Lot No.
∗hFE Rank O(50to100), P(70to140), Y(90to180)


Similar Part No. - 2SA1493

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1493 ISC-2SA1493 Datasheet
213Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1493 SAVANTIC-2SA1493 Datasheet
168Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1493 JMNIC-2SA1493 Datasheet
256Kb / 4P
Silicon PNP Power Transistors
logo
Sanken electric
2SA1493 SANKEN-2SA1493 Datasheet
34Kb / 1P
Silicon PNP Epitaxial Planar Transistor
logo
Quanzhou Jinmei Electro...
2SA1493 JMNIC-2SA1493 Datasheet
256Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1493

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA1215 SANKEN-2SA1215 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1262 SANKEN-2SA1262 Datasheet
23Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1294 SANKEN-2SA1294 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1303 SANKEN-2SA1303 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1386 SANKEN-2SA1386 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1488 SANKEN-2SA1488 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1494 SANKEN-2SA1494 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1673 SANKEN-2SA1673 Datasheet
25Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1693 SANKEN-2SA1693 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1908 SANKEN-2SA1908 Datasheet
25Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com